Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-161 Datasheet (PDF) - BOSER Technology Co., Ltd

RC-161 Datasheet PDF - BOSER Technology Co., Ltd
Part # RC-161
Download  RC-161 Download
File Size   157.88 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-161 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-161 Datasheet PDF - BOSER Technology Co., Ltd

Part # RC-161
Download  RC-161 Click to download

File Size   157.88 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-161 Datasheet (HTML) - BOSER Technology Co., Ltd


RC-161 Product details

Industrial Chassis

Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S

Provides PICMG1.3 Full-size Backplane



Features

6-slot space for PICMG1.3 full-size or PICMG Bus backplane

Provides 250W AT/ATX power supply

Anti-shock crowbar for secured mounting of add-on card, two adjustable positions

1 x external 5.25" space, 1 x external 3.5" space, 1 x internal 3.5" space

Provides 9cm ball bearing cooling fan x 1

FCC/CE industrial Class A approval



 




Similar Part No. - RC-161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160W ETC1-RC-160W Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160W-6S ETC1-RC-160W-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160WA-6S ETC1-RC-160WA-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
RC-160WB-6S ETC1-RC-160WB-6S Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
More results


Similar Description - RC-161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-160 ETC1-RC-160 Datasheet
3Mb / 1P
Full-size Wallmount Chassis with 6-slot backplane & 250w
logo
BOSER Technology Co., L...
RC-140 BOSER-RC-140 Datasheet
144Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 80W P/S Provides PICMG1.3 Half-size Backplane
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-165 BOSER-RC-165 Datasheet
99Kb / 1P
Half-size Deskmount Chassis with 6-slot Backplane, 70W/100W P/S Provides PICMG1.3 Half-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-280 BOSER-RC-280 Datasheet
149Kb / 1P
Full-size Deskmount Chassis with 10-slot Backplane, 250W AT/ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com