Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-741 Datasheet (PDF) - BOSER Technology Co., Ltd

RC-741 Datasheet PDF - BOSER Technology Co., Ltd
Part # RC-741
Download  RC-741 Download
File Size   227.35 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-741 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-741 Datasheet PDF - BOSER Technology Co., Ltd

Part # RC-741
Download  RC-741 Click to download

File Size   227.35 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane

RC-741 Datasheet (HTML) - BOSER Technology Co., Ltd


RC-741 Product details

Features

♦ 19" 4U high, rackmount chassis compliant to EIA RS-310C standard

♦ Detachable card cage for easy installation and maintenance

♦ Provides 250W/300W/400W AT/ATX power supply

♦ Provides PICMG1.3 full-size or PICMG Bus backplane or

♦ mainboard

♦ External: 5.25" space x 2

   Internal: 3.5" space x 8

♦ 7-slot has 12cm x 1 and 8cm x 3 ball bearing cooling fans;

  14-slot has 12cm x 1 and 8cm x 2 ball bearing cooling fans

♦ Dual lockable latch doors

♦ FCC/CE industrial Class A approval

♦ System environmental monitor (optional)



 




Similar Part No. - RC-741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
RC-741 BOSER-RC-741 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
logo
List of Unclassifed Man...
RC-741B ETC-RC-741B Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-741B-M ETC-RC-741B-M Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
RC-741BA-14S2 ETC-RC-741BA-14S2 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
More results


Similar Description - RC-741

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
BOSER Technology Co., L...
RC-147 BOSER-RC-147 Datasheet
178Kb / 1P
Half-size Wallmount Chassis with 4-slot Backplane, 180W ATX P/S Provides PICMG1.3 Half-size Backplane
RC-161 BOSER-RC-161 Datasheet
157Kb / 1P
Full-size Wallmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-191 BOSER-RC-191 Datasheet
137Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-730 BOSER-RC-730 Datasheet
185Kb / 1P
19" 3U High, Full-size Rackmount Chassis with MainBoard, Riser Card, 300W ATX P/S
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com