Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC-191B Datasheet (PDF) - BOSER Technology Co., Ltd

RC-191B Datasheet PDF - BOSER Technology Co., Ltd
Part # RC-191B
Download  RC-191B Download
File Size   137.29 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S

RC-191B Datasheet (PDF)

Go To PDF Page Download Datasheet
RC-191B Datasheet PDF - BOSER Technology Co., Ltd

Part # RC-191B
Download  RC-191B Click to download

File Size   137.29 Kbytes
Page   1 Pages
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd
Description 19" 4U High, Full-size Rackmount Chassis with 14-slot Backplane, 250W P/S

RC-191B Datasheet (HTML) - BOSER Technology Co., Ltd


RC-191B Product details

Features

♦ 19" 4U high, rackmount chassis compliant to EIA RS-310C standard

♦ Provides 250W power supply

♦ With height adjustable anti-vibration crowbar securing plug-in cards in place

♦ One pre-wired PC/AT keyboard connector on front panel

♦ 5.25" CD-ROM space x 3, 3.5" FDD space x 1 on front panel; 3.5" HDD space x 1

♦ High efficiency ball bearing cooling fan

♦ FCC/CE industrial Class A approval



 




Similar Part No. - RC-191B

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
RC-193B BOSER-RC-193B Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
More results


Similar Description - RC-191B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC-120 ETC-RC-120 Datasheet
296Kb / 1P
FULL-SIZE RACKMOUNT CHASSIS WITH 2-SLOT BACKPLANE & 250W P/S
RC-741 ETC-RC-741 Datasheet
314Kb / 1P
19 4U HIGH FULL-SIZE RACKMOUNT CHASSIS WITH BACKPLANE MOTHERBOARD & ATX P/S
logo
Protech Systems Co., Lt...
PCH-R414 PROTECHSYSTEMS-PCH-R414 Datasheet
643Kb / 1P
4U 14-slot Rackmount Chassis
logo
BOSER Technology Co., L...
RC-193 BOSER-RC-193 Datasheet
172Kb / 1P
19" 4U High, Full-size Rackmount Chassis with 20-slot Backplane, 400W Redundant P/S
RC-720 BOSER-RC-720 Datasheet
138Kb / 1P
19" 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
RC-721 BOSER-RC-721 Datasheet
133Kb / 1P
19" 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-740 BOSER-RC-740 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S
RC-741 BOSER-RC-741 Datasheet
227Kb / 1P
19" 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
RC-741 BOSER-RC-741_1 Datasheet
838Kb / 24P
19??4U High, Full-size Rackmount Chassis
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
4U 14-slot Rackmount Chassis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com