Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3540 Datasheet (PDF) - RHOPOINT COMPONENTS

3540 Datasheet PDF - RHOPOINT COMPONENTS
Part # 3540
Download  3540 Download
File Size   63.77 Kbytes
Page   2 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Low Thermal EMF Reed Relays

3540 Datasheet (PDF)

Go To PDF Page Download Datasheet
3540 Datasheet PDF - RHOPOINT COMPONENTS

Part # 3540
Download  3540 Click to download

File Size   63.77 Kbytes
Page   2 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Low Thermal EMF Reed Relays

3540 Datasheet (HTML) - RHOPOINT COMPONENTS


3540 Product details

LOW THERMAL EMF REED RELAYS
The 3500 Series is ideally suited to the needs of Instrumentation, Data Acquisition and Process Control. The specification tables allow you to select the appropriate relay for your particular application. Recommended for use in high accuracy DVM’s, Multiplexers and Digital or Analog Multipoint Recorders. If your requirements differ from the selection options, please consult Coto’s Factory to discuss a custom reed relay. Refer to page 41 for Thermal EMF test methods.

3500 SERIES FEATURES
◆ Low Thermal EMF: < 10 µV through < 0.5 µV with 50 nV stability.
◆ Patented Low Thermal Design. Patent #4,084,142.
◆ Low power coils to ensure low thermal EMF.
◆ High Insulation Resistance - 1012 Ω
◆ Control/Signal isolation of 1500 VDC
◆ High reliability, hermetically sealed contacts.
◆ Form A, Dry or Hg Wet contacts. High Dielectric Strength.
◆ Epoxy coated steel shell provides magnetic shielding.




Similar Part No. - 3540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3540 VISHAY-3540 Datasheet
89Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
ASM GmbH
3540 ASM-SENSOR-3540 Datasheet
379Kb / 4P
m廓 HiTESTER
logo
Bourns Electronic Solut...
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
logo
Alpha Wire
3540 ALPHAWIRE-3540 Datasheet
99Kb / 4P
Customer Specification
2/20/2023
logo
Adafruit Industries
3540 ADAFRUIT-3540 Datasheet
444Kb / 1P
Square 60mm x 60mm Soldering Sponge – 3 Pack
8-1-17
More results


Similar Description - 3540

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
Reed Relays
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
Reed Relays
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
Low Thermal EMF Reed Relays
3602-05-92 COTO-3602-05-92 Datasheet
309Kb / 2P
Low Thermal EMF Reed Relays
logo
RHOPOINT COMPONENTS
3602 RHOPOINT-3602 Datasheet
51Kb / 2P
Low Thermal EMF Reed Relays
logo
Pomona Electronics
2305 POMONA-2305 Datasheet
23Kb / 1P
Insulated Low Thermal EMF Spade Lug
5291A POMONA-5291A Datasheet
155Kb / 1P
Low Thermal EMF Retractable Sheath Banana Plug Patch Cord
logo
Coto Technology
3500 COTO-3500 Datasheet
648Kb / 2P
3500 SERIES/LOW THERMAL EMF REED RELAYS
3600 COTO-3600 Datasheet
1Mb / 2P
3600 SERIES/LOW THERMAL EMF REED RELAYS
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com