Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3540 Datasheet (PDF) - Vishay Siliconix

3540 Datasheet PDF - Vishay Siliconix
Part # 3540
Download  3540 Download
File Size   89.89 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Stand-off Insulators for RF-Equipment

3540 Datasheet (PDF)

Go To PDF Page Download Datasheet
3540 Datasheet PDF - Vishay Siliconix

Part # 3540
Download  3540 Click to download

File Size   89.89 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ceramic Stand-off Insulators for RF-Equipment

3540 Datasheet (HTML) - Vishay Siliconix


3540 Product details

Ceramic Stand-off Insulators for RF-Equipment

MATERIAL:
   Stand - off insulator elements made from Class 1 Ceramic
   material (C 221-IEC 60672-3), body completely glazed.
   Connection terminals: brass

OPERATING CONDITIONS:
   Maximum operating temperature + 100 °C
   Maximum compressive load 3.0 kN
   Maximum tensile load 7.5 kN
   Maximum reactive current 3 ARMS




Similar Part No. - 3540

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3540 ASM-SENSOR-3540 Datasheet
379Kb / 4P
m廓 HiTESTER
logo
RHOPOINT COMPONENTS
3540 RHOPOINT-3540 Datasheet
63Kb / 2P
Low Thermal EMF Reed Relays
logo
Bourns Electronic Solut...
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
logo
Alpha Wire
3540 ALPHAWIRE-3540 Datasheet
99Kb / 4P
Customer Specification
2/20/2023
logo
Adafruit Industries
3540 ADAFRUIT-3540 Datasheet
444Kb / 1P
Square 60mm x 60mm Soldering Sponge – 3 Pack
8-1-17
More results


Similar Description - 3540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA4 BOT-BLA4_12 Datasheet
44Kb / 2P
3mm LED STAND-OFF
BLA8 BOT-BLA8_12 Datasheet
46Kb / 2P
3mm LED STAND-OFF
BLA10 BOT-BLA10_12 Datasheet
48Kb / 2P
3mm LED STAND-OFF
BLA41 BOT-BLA41_12 Datasheet
45Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Richco, Inc.
SHK-6-01 RICHCO-SHK-6-01 Datasheet
47Kb / 1P
STAND-OFF HARNESS CLIP
logo
M-System Co.,Ltd.
35406 MSYSTEM-35406 Datasheet
59Kb / 3P
Ceramic Stand-Off Insulators for RF-Equipment
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com