Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3540 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 3540
Description  Ceramic Stand-off Insulators for RF-Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3540 Datasheet(HTML) 1 Page - Vishay Siliconix

  3540 Datasheet HTML 1Page - Vishay Siliconix 3540 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ceramic Stand-off Insulators for RF-Equipment
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22170
1
Revision: 29-Aug-02
3540/6...35125/6
Vishay Draloric
• Dimensions in millimeters (inches)
ø 22
(0.866 DIA)
M6 Thread
Ø 35 ± 0.8
Thread holes M8 and M10 as well as thread-holes according to US standard are available on request.
MODEL
DIMENSIONS
H
CAPACITANCE
VALUES
[pF]
FLASHOVER
VOLTAGE AT
50 Hz AND 60 %
REL. AIR HUMIDITY
[KVRMS]
OPERATING
VOLTAGE
[KVRMS]
DISSIPATION
FACTOR
3540/6
40 (1.575)
2.5
25
10
≤ 0.5 • 10-3 [1 MHz]
3550/6
50 (1.969)
1.9
29
12
3558/6
58 (2.283)
1.2
33
13
3560/6
60 (2.362)
1.2
33
13
3570/6
70 (2.756)
0.9
37
15
3580/6
80 (3.150)
0.7
41
16
35100/6
100 (3.937)
0.5
48
19
35125/6
125 (4.921)
0.3
56
22
MATERIAL:
Stand - off insulator elements made from Class 1 Ceramic
material (C 221-IEC 60672-3), body completely glazed.
Connection terminals: brass
OPERATING CONDITIONS:
Maximum operating temperature
+ 100 °C
Maximum compressive load
3.0 kN
Maximum tensile load
7.5 kN
Maximum reactive current
3 ARMS
MARKING:
None
ORDERING INFORMATION
Stand-off insulator 35100 / 6


Similar Part No. - 3540

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3540 ASM-SENSOR-3540 Datasheet
379Kb / 4P
m廓 HiTESTER
logo
RHOPOINT COMPONENTS
3540 RHOPOINT-3540 Datasheet
63Kb / 2P
Low Thermal EMF Reed Relays
logo
Bourns Electronic Solut...
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
logo
Alpha Wire
3540 ALPHAWIRE-3540 Datasheet
99Kb / 4P
Customer Specification
2/20/2023
logo
Adafruit Industries
3540 ADAFRUIT-3540 Datasheet
444Kb / 1P
Square 60mm x 60mm Soldering Sponge – 3 Pack
8-1-17
More results

Similar Description - 3540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4040 VISHAY-4040 Datasheet
124Kb / 2P
Ceramic Stand-off Insulators for RF-Equipment
29-Aug-02
logo
Bedford Opto Technology...
BOLS003 BOT-BOLS003 Datasheet
33Kb / 2P
3mm LED STAND-OFF
BLA3 BOT-BLA3_12 Datasheet
42Kb / 2P
3mm LED STAND-OFF
BLA4 BOT-BLA4_12 Datasheet
44Kb / 2P
3mm LED STAND-OFF
BLA8 BOT-BLA8_12 Datasheet
46Kb / 2P
3mm LED STAND-OFF
BLA10 BOT-BLA10_12 Datasheet
48Kb / 2P
3mm LED STAND-OFF
BLA41 BOT-BLA41_12 Datasheet
45Kb / 2P
3mm LED STAND-OFF
BLA61 BOT-BLA61_12 Datasheet
113Kb / 2P
3mm LED STAND-OFF
logo
Richco, Inc.
SHK-6-01 RICHCO-SHK-6-01 Datasheet
47Kb / 1P
STAND-OFF HARNESS CLIP
logo
M-System Co.,Ltd.
35406 MSYSTEM-35406 Datasheet
59Kb / 3P
Ceramic Stand-Off Insulators for RF-Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com