Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK70110M Datasheet (PDF) - TOKO, Inc

TK70110M Datasheet PDF - TOKO, Inc
Part # TK70110M
Download  TK70110M Download
File Size   116.72 Kbytes
Page   6 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 1.0 V LOW DROPOUT LINEAR REGULATOR

TK70110M Datasheet (PDF)

Go To PDF Page Download Datasheet
TK70110M Datasheet PDF - TOKO, Inc

Part # TK70110M
Download  TK70110M Click to download

File Size   116.72 Kbytes
Page   6 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 1.0 V LOW DROPOUT LINEAR REGULATOR

TK70110M Datasheet (HTML) - TOKO, Inc


TK70110M Product details

DESCRIPTION
The TK701xx is a very low dropout, low input voltage operation regulator suitable for single battery cell applications. This regulator provides 1.0 V output with a dropout voltage of only 30 mV. The active low control provides on/ off switching of the output. In the off mode, the standby supply current is 10 µA, thus extending battery life.
The TK701xx is available in a very small plastic surface mount package (SOT-25).

FEATURES
■ Low Input Voltage Operation (Single Battery Cell)
■ Internal PNP Transistor
■ Built-In Shutdown Control (Off Current, 10 µA Typ)
■ Low Dropout Voltage (30 mV Typ)
■ High Speed ON/OFF Transient, (15 µs Typ)
■ Very Small Surface Mount Package (SOT-25)

APPLICATIONS
■ Pagers
■ Personal Communication Equipment
■ Portable Consumer Equipment
■ Radio Control Systems
■ Single Battery Cell Systems




Similar Part No. - TK70110M

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results


Similar Description - TK70110M

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
Low Dropout Linear Regulator
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com