Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3227TB-E3 Datasheet (PDF) - NEC

UPC3227TB-E3 Datasheet PDF - NEC
Part # UPC3227TB-E3
Download  UPC3227TB-E3 Download
File Size   115.74 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER

UPC3227TB-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3227TB-E3 Datasheet PDF - NEC

Part # UPC3227TB-E3
Download  UPC3227TB-E3 Click to download

File Size   115.74 Kbytes
Page   14 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER

UPC3227TB-E3 Datasheet (HTML) - NEC


UPC3227TB-E3 Product details

DESCRIPTION

The µPC3227TB is a silicon germanium (SiGe) monolithic integrated circuit designed as IF amplifier for DBS tuners. This IC is manufactured using our 50 GHz fmax UHS2 (Ultra High Speed Process) SiGe bipolar process.



FEATURES

• Low current : ICC = 4.8 mA TYP. @ VCC = 5.0 V

• Output power : PO (sat) = −1.0 dBm TYP. @ f = 1.0 GHz

: PO (sat) = −3.5 dBm TYP. @ f = 2.2 GHz

• High linearity : PO (1dB) = −6.5 dBm TYP. @ f = 1.0 GHz

: PO (1dB) = −8.0 dBm TYP. @ f = 2.2 GHz

• Power gain : GP = 22.0 dB TYP. @ f = 1.0 GHz

: GP = 22.0 dB TYP. @ f = 2.2 GHz

• Noise Figure : NF = 4.7 dB TYP. @ f = 1.0 GHz

: NF = 4.6 dB TYP. @ f = 2.2 GHz

• Supply voltage : VCC = 4.5 to 5.5 V

• Port impedance : input/output 50 Ω



APPLICATIONS

• IF amplifiers in LNB for DBS converters etc.




Similar Part No. - UPC3227TB-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC3227TB-E3 CEL-UPC3227TB-E3 Datasheet
309Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3227TB-E3-A CEL-UPC3227TB-E3-A Datasheet
309Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Similar Description - UPC3227TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC2711TB NEC-UPC2711TB_1 Datasheet
285Kb / 20P
5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3224TB NEC-UPC3224TB Datasheet
91Kb / 15P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
Renesas Technology Corp
PC3224TB RENESAS-PC3224TB_15 Datasheet
224Kb / 17P
5 V, SILICON MMIC WIDEBAND AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com