Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9940 Datasheet (PDF) - Maxim Integrated Products

MAX9940 Datasheet PDF - Maxim Integrated Products
Part # MAX9940
Download  MAX9940 Download
File Size   239.61 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Signal-Line Overvoltage Protector for Low-Voltage Devices

MAX9940 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9940 Datasheet PDF - Maxim Integrated Products

Part # MAX9940
Download  MAX9940 Click to download

File Size   239.61 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Signal-Line Overvoltage Protector for Low-Voltage Devices

MAX9940 Datasheet (HTML) - Maxim Integrated Products


MAX9940 Product details

General Description
The MAX9940 signal-line overvoltage protector for low voltage digital communication ports provides protection against high-voltage faults and ESD strikes. The MAX9940 is especially useful for sensitive communication protocols such as Maxim 1-Wire® that cannot afford standard means of fault protection, such as large series resistors or large line capacitances.
The MAX9940 operates from a single supply voltage of +2.2V to +5.5V and consumes only 13µA of quiescent supply current. The EXT port is protected up to 28V. The device features a reaction time of 60ns for fast action during fault conditions and operates over the -40°C to +125°C automotive temperature range.

Features
♦ 28V Protection on EXT
♦ Extended ESD Protection
   ±4kV IEC 61000-4 Contact on EXT
♦ +2.2V to +5.5V Supply Voltage Range
♦ 13µA Quiescent Supply Current
♦ 60ns Fault Reaction Time
♦ Small, 5-Pin SC70
♦ -40°C to +125°C Temperature Range

Applications
   Notebook Computers
   Portable Devices
   Industrial Equipment




Similar Part No. - MAX9940

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9940 MAXIM-MAX9940 Datasheet
199Kb / 5P
Proven PCB Layout
Rev 0; 3/09
MAX9940EVKIT MAXIM-MAX9940EVKIT Datasheet
199Kb / 5P
Proven PCB Layout
Rev 0; 3/09
MAX9940EVKIT+ MAXIM-MAX9940EVKIT+ Datasheet
199Kb / 5P
Proven PCB Layout
Rev 0; 3/09
More results


Similar Description - MAX9940

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
PROGRAMMABLE OVERVOLTAGE PROTECTOR
logo
Maxim Integrated Produc...
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
Overvoltage Protector Series
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
Overvoltage Protector
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
Overvoltage Protector
TISP4P015L1N BOURNS-TISP4P015L1N_10 Datasheet
368Kb / 6P
LOW CAPACITANCE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Surge Components
SVG110S SURGE-SVG110S Datasheet
233Kb / 4P
Programmable Overvoltage Protector
logo
Bourns Electronic Solut...
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
Overvoltage Protector Series
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com