Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4505 Datasheet (PDF) - Maxim Integrated Products

MAX4505 Datasheet PDF - Maxim Integrated Products
Part # MAX4505
Download  MAX4505 Download
File Size   120.18 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage, Signal-Line Protector

MAX4505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4505 Datasheet PDF - Maxim Integrated Products

Part # MAX4505
Download  MAX4505 Click to download

File Size   120.18 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage, Signal-Line Protector

MAX4505 Datasheet (HTML) - Maxim Integrated Products


MAX4505 Product details

General Description
The MAX4505 is a single signal-line protector featuring a fault-protected input and Rail-to-Rail® signal handling capability. The input is protected from overvoltage faults up to ±36V with power on or ±40V with power off. During a fault condition, the input terminal becomes an open circuit and only nanoamperes of leakage current flow from the source, while the switch output (AOUT) furnishes typically 19mA from the appropriate polarity supply to the load. This ensures an unambiguous rail-to-rail output when a fault begins and ends.
The MAX4505 protects both unipolar and bipolar analog signals using either unipolar (+9V to +36V) or bipolar (±8V to ±18V) power supplies. The device has no logic control inputs; the protector is always on when the supplies are on. On-resistance is 100Ω max, and on-leakage is less than 0.5nA at TA = +25°C. The MAX4505 is available in 5-pin SOT23 and 8-pin µMAX packages.

Features
♦ Overvoltage Protection
   ±40V with Power Off
   ±36V with Power On
♦ Open Signal Paths with Power Off
♦ Output Clamps to Either Rail with an Input Overvoltage
♦ 100Ω max On-Resistance
♦ 10ns Overvoltage Turn-On Delay
♦ No Latchup During Power Sequencing
♦ Rail-to-Rail Signal Handling
♦ 500Ω Output Clamp Resistance During Overvoltage
♦ Tiny 5-Pin SOT23 Package

Applications
   Process Control Systems
   Hot-Insertion Boards/Systems
   Data-Acquisition Systems
   Redundant/Backup Systems
   ATE Equipment
   Sensitive Instruments




Similar Part No. - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX450 MAXIM-MAX450 Datasheet
154Kb / 4P
CMOS Video Amplifier
MAX450-MAX451 MAXIM-MAX450-MAX451 Datasheet
154Kb / 4P
CMOS Video Amplifier
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501-MAX4502 MAXIM-MAX4501-MAX4502 Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501C/D MAXIM-MAX4501C/D Datasheet
313Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results


Similar Description - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX9940 MAXIM-MAX9940 Datasheet
239Kb / 9P
Signal-Line Overvoltage Protector for Low-Voltage Devices
Rev 0; 2/09
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
Fault Protected CAN Tranceiver
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com