Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4631 Datasheet (PDF) - Maxim Integrated Products

MAX4631 Datasheet PDF - Maxim Integrated Products
Part # MAX4631
Download  MAX4631 Download
File Size   207.48 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage, Dual Analog Switches

MAX4631 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4631 Datasheet PDF - Maxim Integrated Products

Part # MAX4631
Download  MAX4631 Click to download

File Size   207.48 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage, Dual Analog Switches

MAX4631 Datasheet (HTML) - Maxim Integrated Products


MAX4631 Product details

General Description
The MAX4631/MAX4632/MAX4633 high-voltage, dual analog switches are pin compatible with the industry-standard DG401/DG403/DG405. They upgrade the existing devices with fault-protected inputs and Rail-to-Rail® signal handling capabilities. The MAX4631/MAX4632/MAX4633’s normally open (NO) and normally closed (NC) terminals are protected from overvoltage faults up to 36V during power-up or power-down. During a fault condition, these terminals become open circuit and only nanoamperes of leakage current flow from the source, yet the switch output (COM_) continues to furnish up to 18mA of the appropriate polarity supply voltage to the load. This ensures unambiguous rail-to-rail outputs when a fault begins and ends. On-resistance is 85Ω (max) at +25°C and is matched between switches to 6Ω (max). Off-leakage current is only 0.5nA at +25°C and 5nA at +85°C.
The MAX4631 has two NO single-pole/single-throw (SPST) switches. The MAX4632 has two NO/NC single-pole/double-throw (SPDT) switches. The MAX4633 has two NO double-pole/single-throw (DPST) switches.
These CMOS switches operate with dual power supplies ranging from ±4.5V to ±18V or a single supply between +9V and +36V. All digital inputs have +0.8V and +2.4V logic thresholds, ensuring both TTL- and CMOS-logic compatibility when using ±15V or a single +12V supply.

Features
♦ Fault Protection
   ±40V with Power Off
   ±36V with ±15V Supplies (MAX4631/MAX4633)
   ±25V with ±15V Supplies (MAX4632)
♦ Rail-to-Rail Signal Handling
♦ No Power-Supply Sequencing Required
♦ All Switches Off with Power Off
♦ Output Clamped to Appropriate Supply Voltage
   During Fault Condition; No Transition Glitch
♦ 85Ω (max) Signal Paths with ±15V Supplies
♦ ±4.5V to ±18V Dual Supplies
   +9V to +36V Single Supply
♦ Low Power Consumption: <6mW
♦ Pin Compatible with Industry-Standard
   DG401/DG403/DG405
♦ TTL- and CMOS-Logic Compatible Inputs with
   Single +9V to +15V, or ±15V Supplies

Applications
   ATE Equipment
   Data Acquisition
   Industrial and Process Control Systems
   Avionics
   Redundant/Backup Systems




Similar Part No. - MAX4631

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4630EPD MAXIM-MAX4630EPD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630ESD MAXIM-MAX4630ESD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4630EUD MAXIM-MAX4630EUD Datasheet
324Kb / 16P
/-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4634 MAXIM-MAX4634 Datasheet
231Kb / 11P
Fast, Low-Voltage, 4?? 4-Channel CMOS Analog Multiplexer
Rev 2; 5/03
More results


Similar Description - MAX4631

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com