Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX354 Datasheet (PDF) - Maxim Integrated Products

MAX354 Datasheet PDF - Maxim Integrated Products
Part # MAX354
Download  MAX354 Download
File Size   130.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected Analog Multiplexers

MAX354 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX354 Datasheet PDF - Maxim Integrated Products

Part # MAX354
Download  MAX354 Click to download

File Size   130.05 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected Analog Multiplexers

MAX354 Datasheet (HTML) - Maxim Integrated Products


MAX354 Product details

General Description
The MAX354/MAX355 fault-protected multiplexers (muxes) use a series N-channel, P-channel, N-channel structure that protects the devices from overvoltage up to 40V beyond the supply rails during power-up, power down, and fault conditions. The MAX354/MAX355 also protect sensitive circuit components against voltages near or beyond the normal supplies.

Features
♦ 350Ω Max On-Resistance
♦ Improved 2nd Source for MAX358/MAX359 and
   DG458/DG459
♦ Pin Compatible with ADG508F/ADG509F
♦ All Switches Off with Supplies Off
♦ On Switch Turns Off with Overvoltage
♦ Output Clamps at 1.5V Below Supply Rails
♦ 0.5nA Max Input Leakage at +25°C (5nA at +85°C)
♦ No Power-Up Sequencing Required
♦ TTL and CMOS-Logic Compatibility

Applications
   Data-Acquisition Systems
   Industrial and Process Control
   Avionics
   ATE Equipment
   Signal Routing
   Redundant/Backup Systems




Similar Part No. - MAX354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3540 MAXIM-MAX3540 Datasheet
719Kb / 10P
MAX3540 Evaluation Kit
Rev 0; 6/08
MAX3540EVKIT MAXIM-MAX3540EVKIT Datasheet
719Kb / 10P
MAX3540 Evaluation Kit
Rev 0; 6/08
MAX3540ULM MAXIM-MAX3540ULM Datasheet
262Kb / 16P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3540 MAXIM-MAX3540_08 Datasheet
719Kb / 10P
MAX3540 Evaluation Kit
Rev 0; 6/08
More results


Similar Description - MAX354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV.D
ADG508F AD-ADG508F Datasheet
170Kb / 12P
4/8 Channel Fault-Protected Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com