Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG438F Datasheet (PDF) - Analog Devices

ADG438F Datasheet PDF - Analog Devices
Part # ADG438F
Download  ADG438F Download
File Size   127.58 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 4/8 Channel Fault-Protected Analog Multiplexers

ADG438F Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG438F Datasheet PDF - Analog Devices

Part # ADG438F
Download  ADG438F Click to download

File Size   127.58 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance 4/8 Channel Fault-Protected Analog Multiplexers

ADG438F Datasheet (HTML) - Analog Devices


ADG438F Product details

GENERAL DESCRIPTION
The ADG438F and ADG439F are CMOS analog multiplexers, with the ADG438F comprising eight single channels and the ADG439F comprising four differential channels. These multiplexers provide fault protection.
   
FEATURES
    All switches off with power supply off
    Analog output of on channel clamped within power supplies
        if an overvoltage occurs
    Latch-up proof construction
    Fast switching times
        tON 250 ns maximum
        tOFF 150 ns maximum
    Fault and overvoltage protection: −40 V to +55 V
    Break-before-make construction
    TTL- and CMOS-compatible inputs
   
APPLICATIONS
    Data acquisition systems
    Industrial and process control systems
    Avionics test equipment
    Signal routing between systems
    High reliability control systems
   




Similar Part No. - ADG438F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results


Similar Description - ADG438F

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508F AD-ADG508F Datasheet
170Kb / 12P
4/8 Channel Fault-Protected Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
Fault-Protected Analog Multiplexers
Rev. 2; 9/96
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG439F AD-ADG439F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com