Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11359A Datasheet (PDF) - Maxim Integrated Products

MAX11359A Datasheet PDF - Maxim Integrated Products
Part # MAX11359A
Download  MAX11359A Download
File Size   604.88 Kbytes
Page   66 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor

MAX11359A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11359A Datasheet PDF - Maxim Integrated Products

Part # MAX11359A
Download  MAX11359A Click to download

File Size   604.88 Kbytes
Page   66 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor

MAX11359A Datasheet (HTML) - Maxim Integrated Products


MAX11359A Product details

General Description
The MAX11359A smart data-acquisition systems (DAS) is based on a 16-bit, sigma-delta analog-to-digital converter (ADC) and system-support functionality for a microprocessor (µP)-based system. The device integrates an ADC, DAC, operational amplifiers, internal selectablevoltage reference, temperature sensors, analog switches, a 32kHz oscillator, a real-time clock (RTC) with alarm, a high-frequency-locked loop (FLL) clock, four user-programmable I/Os, an interrupt generator, and 1.8V and 2.7V voltage monitors in a single chip.

Features
♦ +1.8V to +3.6V Single-Supply Operation
♦ Multichannel 16-Bit Sigma-Delta ADC
    10sps to 512sps Programmable Conversion Rate
    Self and System Offset and Gain Calibration
    PGA with Gains of 1, 2, 4, or 8
    Unipolar and Bipolar Modes
    10-Input Differential Multiplexer
♦ 10-Bit Force-Sense DACs
♦ Uncommitted Op Amps
♦ Dual SPDT Analog Switches
♦ Selectable References
    1.25V, 1.996V and 2.422V
♦ Internal Charge Pump
♦ System Support
    Real-Time Clock and Alarm Register
    Internal/External Temperature Sensor
    Internal Oscillator with Clock Output
    User-Programmable I/O and Interrupt Generator
    VDD Monitors
♦ SPI/QSPI/MICROWIRE, 4-Wire Serial Interface
♦ Space-Saving (6mm x 6mm x 0.75mm), 40-Pin TQFN Package

Applications
    Battery-Powered and Portable Devices
    Electrochemical and Optical Sensors
    Medical Instruments
    Industrial Control
    Data-Acquisition Systems




Similar Part No. - MAX11359A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
More results


Similar Description - MAX11359A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
ADS7870 BURR-BROWN-ADS7870 Datasheet
262Kb / 27P
12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
logo
Maxim Integrated Produc...
MAX1329 MAXIM-MAX1329 Datasheet
3Mb / 78P
12-/16-Bit DASs with ADC, DACs, DPIOs, APIOs, Reference, Voltage Monitors, and Temp Sensor
Rev 1; 10/08
MAX11358B MAXIM-MAX11358B Datasheet
3Mb / 70P
16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 0; 12/09
MAX1358B MAXIM-MAX1358B Datasheet
3Mb / 71P
16-Bit, Data-Acquisition System with ADC, DACs, UPIOs, RTC, Voltage Monitors, and Temp Sensor
19-5159; Rev 0; 8/10
MAX11359A MAXIM-MAX11359A_12 Datasheet
678Kb / 67P
16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
Rev 1; 1/12
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
22-Bit Data Acquisition System
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com