Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11359A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11359A
Description  16-Bit Data-Acquisition System with ADC, DAC, UPIOs, RTC, Voltage Monitors, and Temp Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11359A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11359A Datasheet HTML 1Page - Maxim Integrated Products MAX11359A Datasheet HTML 2Page - Maxim Integrated Products MAX11359A Datasheet HTML 3Page - Maxim Integrated Products MAX11359A Datasheet HTML 4Page - Maxim Integrated Products MAX11359A Datasheet HTML 5Page - Maxim Integrated Products MAX11359A Datasheet HTML 6Page - Maxim Integrated Products MAX11359A Datasheet HTML 7Page - Maxim Integrated Products MAX11359A Datasheet HTML 8Page - Maxim Integrated Products MAX11359A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
16-Bit Data-Acquisition System with ADC, DAC,
UPIOs, RTC, Voltage Monitors, and Temp Sensor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +1.8V to +3.6V, VREF = +1.25V, external reference, CLK32K = 32.768kHz (external clock), CREG = 10µF, CCPOUT =
10µF, 10µF between CF+ and CF-, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +4V
DVDD to DGND.........................................................-0.3V to +4V
AVDD to DVDD ............................................................-4V to +4V
AGND to DGND.....................................................-0.3V to +0.3V
CLK32K to DGND ....................................-0.3V to (DVDD + 0.3V)
UPIO_ to DGND........................................................-0.3V to +4V
Digital Inputs to DGND ............................................-0.3V to +4V
Analog Inputs to AGND ...........................-0.3V to (AVDD + 0.3V)
Digital Output to DGND…........................-0.3V to (DVDD + 0.3V)
Analog Outputs to AGND.........................-0.3V to (AVDD + 0.3V)
Continuous Current Into Any Pin.........................................50mA
Continuous Power Dissipation (TA = +70
°C)
40-Pin TQFN (derate 25.6mW/
°C above +70°C) ....2051.3mW
Operating Temperature Range
MAX11359ACTL .................................................0
°C to +70°C
MAX11359AETL...............................................-40
°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DC ACCURACY
Noise-Free Resolution
Data rate = 10sps, PGA gain = 2;
data rate = 10sps to 60sps, PGA gain = 1;
no missing codes, Table 1 (Note 2)
16
Bits
Conversion Rate
No missing codes, Table 1
10
512
sps
Output Noise
No missing codes
Table 1
µVRMS
Integral Nonlinearity
INL
Unipolar mode, AVDD = 3V, PGA gain = 1,
TA = +25
°C, data rate = 50sps
±0.004
%FSR
Uncalibrated
±1.0
Unipolar Offset Error or Bipolar
Zero Error (Note 3)
PGA gain = 1, calibrated,
TA = +25
°C, data rate = 50sps
±0.003
%FSR
Bipolar
±2.0
Unipolar Offset-Error or Bipolar
Zero-Error Temperature Drift
(Note 4)
Unipolar
±10
µV/
°C
Uncalibrated
±0.6
Gain Error (Notes 3, 5)
PGA = 1, calibrated, data rate = 50sps
±0.003
%FSR
Gain-Error Temperature
Coefficient
(Notes 4, 6)
±1.0
ppm/
°C
DC Positive Power-Supply
Rejection Ratio
PSRR
PGA gain = 1, unipolar mode, measured by
full-scale error with AVDD = 1.8V to 3.6V
73
dB
ADC ANALOG INPUTS (AIN1, AIN2)
DC Input Common-Mode
Rejection Ratio
CMRR
PGA gain = 1, unipolar mode
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com