Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14530E Datasheet (PDF) - Maxim Integrated Products

MAX14530E Datasheet PDF - Maxim Integrated Products
Part # MAX14530E
Download  MAX14530E Download
File Size   197.41 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-

MAX14530E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14530E Datasheet PDF - Maxim Integrated Products

Part # MAX14530E
Download  MAX14530E Click to download

File Size   197.41 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-

MAX14530E Datasheet (HTML) - Maxim Integrated Products


MAX14530E Product details

General Description
The MAX14529E/MAX14530E are overvoltage-protection devices with USB charger detection, a low-dropout (LDO) regulator, and ESD protection. These devices feature a low 35mΩ (typ) RON internal FET switch and protect low-voltage systems against voltage faults up to 28V. When the input voltage exceeds the overvoltage threshold, the internal FET switch is turned off to prevent damage to the protected components.
The charger detection detects a short between the USB D+ and D- data lines. If the data lines are shorted together and a dedicated charger is attached, the phone draws more than 500mA to charge the battery.
The overvoltage thresholds (OVLO) are preset to 5.75V (MAX14529E) or 6.8V (MAX14530E).
The LDO output (LOUT) is powered from OUT and supplies 3.3V to the USB transceiver. The LDO features a 100mA (min) current capability and low output noise.
The MAX14529E/MAX14530E feature ±15kV HBM ESD protection with low (3pF) capacitance suitable for Hi-Speed USB 2.0.
Both devices are offered in a small 12-bump, 1.5mm x 2mm WLP package and operate over the -40°C to +85°C extended temperature range.

Features
♦ Input Voltage Protection Up to 28V
♦ High-Current USB Charger Detection
♦ 3.3V, 100mA LDO
♦ Preset Overvoltage Protection Trip Level
   5.75V (MAX14529E)
   6.8V (MAX14530E)
♦ Integrated Low RON 35mΩ (typ) FET Switch
♦ Low-Capacitance USB High-Speed Data Line ESD Protection (3pF)
   ±15kV Human Body Model (HBM)
   ±15kV IEC 61000-4-2 Air Gap
   ±8kV IEC 61000-4-2 Contact
♦ Thermal-Shutdown Protection
♦ 12-Bump, 1.5mm x 2mm WLP Package
♦ -40°C to +85°C Operating Temperature Range

Applications
   Cell Phones
   MP3 Players
   PDAs and Palmtop Devices




Similar Part No. - MAX14530E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14530EEWC+T MAXIM-MAX14530EEWC+T Datasheet
266Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
More results


Similar Description - MAX14530E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4987AE MAXIM-MAX4987AE Datasheet
195Kb / 10P
Overvoltage-Protection Controller with USB ESD Protection
Rev 0; 11/07
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24382 TI-BQ24382 Datasheet
804Kb / 18P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX14529 MAXIM-MAX14529 Datasheet
266Kb / 9P
Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
Rev 0; 2/09
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com