Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14530E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14530E
Description  Overvoltage Protection with USB Charger Detection, LDO, and ESD Protection on D/D-
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14530E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14530E Datasheet HTML 1Page - Maxim Integrated Products MAX14530E Datasheet HTML 2Page - Maxim Integrated Products MAX14530E Datasheet HTML 3Page - Maxim Integrated Products MAX14530E Datasheet HTML 4Page - Maxim Integrated Products MAX14530E Datasheet HTML 5Page - Maxim Integrated Products MAX14530E Datasheet HTML 6Page - Maxim Integrated Products MAX14530E Datasheet HTML 7Page - Maxim Integrated Products MAX14530E Datasheet HTML 8Page - Maxim Integrated Products MAX14530E Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Overvoltage Protection with USB Charger
Detection, LDO, and ESD Protection on D+/D-
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 2.2V to 28V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VIN = +5V, TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +30V
OUT to GND .................................-0.3V to min (+12V, IN + 0.3V)
OEN, LEN, VOK, CDET to GND ...............................-0.3V to +6V
LOUT to GND ...........................................................-0.3V to +6V
Continuous Current IN to OUT per Ball...............................1.74A
Continuous Power Dissipation (TA = +70°C)
12-Bump WLP (derate 8.5mW/°C above +70°C).........678mW
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 1) ......................................................................118°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .......................................-40°C to +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OVERVOLTAGE PROTECTION
Input-Voltage Range
VIN
2.2
28
V
MAX14529E
5.6
5.75
5.9
VIN rising
MAX14530E
6.6
6.8
6.94
MAX14529E
5.4
Overvoltage Trip Level
VOVLO
VIN falling
MAX14530E
6.5
V
IN Overvoltage Lockout Hysteresis
1%
VOEN = 0, VLEN = 5V, 2.2V < VIN < VOVLO
95
190
VOEN = VLEN = 0, 2.2V < VIN < VOVLO
145
300
Supply Current
IIN
VOEN = VLEN = 5V, 2.2V < VIN < VOVLO
50
120
µA
Internal FET RON
RON
ILOAD = 100mA, VIN = 4.5V to 5.5V
35
60
m
Ω
Maximum Capacitor on OUT
COUTMAX
1000
µF
LOW-DROPOUT REGULATOR
LDO Output Voltage
VLOUT
VIN = 5V
3.219
3.3
3.383
V
LOUT Line Regulation
VIN = 4.2V to 6V
1.65
3.3
mV/V
LOUT Load Regulation
IOUT = 0.1mA to 100mA
0.33
0.66
mV/mA
Current Limit
100
400
mA
Dropout Voltage
IOUT = 50mA (Note 3)
300
500
mV
LOUT Noise
f = 10kHz to 100kHz, IOUT = 1mA
355
µVRMS
CDET FILTER
Cutoff Frequency
fFILT
0.6
kHz
D- Rising DC Threshold
VTHFILT,R
2.375
2.5
2.625
V
D- Falling DC Threshold
VTHFILT,F
2.35
V
DIGITAL SIGNALS
Open-Drain Output Low Voltage
VOL
ISINK = 1mA
0.4
V
Open-Drain Leakage Current
VOEN = VLEN = 5V, VOK and CDET high
impedance
1µA
Input High Voltage
VIH
1.4
V
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, go to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com