Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16065 Datasheet (PDF) - Maxim Integrated Products

MAX16065 Datasheet PDF - Maxim Integrated Products
Part # MAX16065
Download  MAX16065 Download
File Size   2983.06 Kbytes
Page   61 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers

MAX16065 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16065 Datasheet PDF - Maxim Integrated Products

Part # MAX16065
Download  MAX16065 Click to download

File Size   2983.06 Kbytes
Page   61 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers

MAX16065 Datasheet (HTML) - Maxim Integrated Products


MAX16065 Product details

General Description

The  MAX16065/MAX16066  flash-configurable  system managers  monitor  and  sequence  multiple  system  voltages.  The  MAX16065/MAX16066  can  also  accurately monitor (±2.5%) one current channel using a dedicated

high-side current-sense amplifier.



Features

Operate from 2.8V to 14V

±2.5% Current-Monitoring Accuracy

1% Accurate 10-Bit ADC Monitors 12/8 Voltage Inputs

Single-Ended or Differential ADC for System Voltage/Current Monitoring

Integrated High-Side Current-Sense Amplifier

12/8 Monitored Inputs with Overvoltage/Undervoltage/Early Warning Limit

Nonvolatile Fault Event Logger

Power-Up and Power-Down Sequencing Capability

Independent Secondary Sequence Block

12/8 Outputs for Sequencing/Power-Good Indicators

Two Programmable Fault Outputs and One Reset Output

Eight General-Purpose Inputs/Outputs Configurable as:

  Dedicated Fault Outputs

  Watchdog Timer Function

  Manual Reset

  Margin Enable

SMBus (with Timeout) or JTAG Interface

Flash Configurable Time Delays and Thresholds

-40NC to +85NC Operating Temperature Range



Applications

Networking Equipment

Telecom Equipment (Base Stations, Access)

Storage/Raid Systems

Servers




Similar Part No. - MAX16065

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
Easy-to-Use GUI Software
Rev 0; 5/11
More results


Similar Description - MAX16065

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com