Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16068 Datasheet (PDF) - Maxim Integrated Products

MAX16068 Datasheet PDF - Maxim Integrated Products
Part # MAX16068
Download  MAX16068 Download
File Size   2044.94 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers

MAX16068 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16068 Datasheet PDF - Maxim Integrated Products

Part # MAX16068
Download  MAX16068 Click to download

File Size   2044.94 Kbytes
Page   40 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers

MAX16068 Datasheet (HTML) - Maxim Integrated Products


MAX16068 Product details

General Description
The MAX16068 flash-configurable system manager monitors and manages up to six system voltages simultaneously. The MAX16068 integrates an analogto-digital converter (ADC). Device configuration information, including overvoltage and undervoltage limits, time delay settings is stored in nonvolatile flash memory. During a fault condition, fault flags and channel voltages can be automatically stored in the nonvolatile flash memory for later readback.

Features
♦ Operates from 2.8V to 14V
♦ 1% Accurate, 10-Bit ADC Monitors 6 Voltage Inputs
♦ Analog EN Monitoring Input
♦ 6 Monitored Inputs with Overvoltage and Undervoltage Limits
♦ Nonvolatile Fault Event Logger
♦ Six General-Purpose Inputs/Outputs Configurable as:
    Dedicated Fault Output
    Watchdog Timer Function
    Manual Reset
    SMBus Alert
    Fault Propagation Input/Output
♦ SMBus and JTAG Interface
♦ Supports Cascading with MAX16065/MAX16066
♦ Flash-Configurable Time Delays and Thresholds
♦ -40°C to +85°C Extended Operating Temperature Range

Applications
    Networking Equipment
    Telecom Equipment (Base Stations, Access)
    Storage/RAID Systems
    Servers




Similar Part No. - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE+ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP+ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Similar Description - MAX16068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com