Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1606 Datasheet (PDF) - Maxim Integrated Products

MAX1606 Datasheet PDF - Maxim Integrated Products
Part # MAX1606
Download  MAX1606 Download
File Size   302.86 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Internal Switch LCD Bias Supply with True Shutdown

MAX1606 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1606 Datasheet PDF - Maxim Integrated Products

Part # MAX1606
Download  MAX1606 Click to download

File Size   302.86 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 28V Internal Switch LCD Bias Supply with True Shutdown

MAX1606 Datasheet (HTML) - Maxim Integrated Products


MAX1606 Product details

General Description
The MAX1606 is a step-up DC-DC converter that contains a 0.5A internal power switch and a 0.5A output isolation switch in an 8-pin µMAX package. The IC operates from a 2.4V to 5.5V supply voltage but can boost battery voltages as low as 0.8V up to 28V.

Features
♦ Adjustable Output Voltage up to 28V
♦ 20mA at 20V from a Single Li+ Battery
♦ True Shutdown (Output Disconnected from Input)
♦ Output Short-Circuit Protection
♦ 88% Efficiency
♦ Up to 500kHz Switching Frequency
♦ Selectable Inductor Current Limit (125mA, 250mA, or 500mA)
♦ 0.1µA Shutdown Current
♦ 8-Pin µMAX Package

Applications
    LCD Bias Generators
    Cellular or Cordless Phones
    Palmtop Computers
    Personal Digital Assistants (PDAs)
    Organizers
    Handy Terminals




Similar Part No. - MAX1606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1606 MAXIM-MAX1606 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16060_TE+ MAXIM-MAX16060_TE+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16061_TP+ MAXIM-MAX16061_TP+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16062_TG+ MAXIM-MAX16062_TG+ Datasheet
218Kb / 18P
1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
More results


Similar Description - MAX1606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX686 MAXIM-MAX686 Datasheet
198Kb / 16P
DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
Rev 1; 2/98
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
30V Internal Switch LCD Bias Supply
2018
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com