Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686 Datasheet (PDF) - Maxim Integrated Products

MAX686 Datasheet PDF - Maxim Integrated Products
Part # MAX686
Download  MAX686 Download
File Size   198.93 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch

MAX686 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX686 Datasheet PDF - Maxim Integrated Products

Part # MAX686
Download  MAX686 Click to download

File Size   198.93 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch

MAX686 Datasheet (HTML) - Maxim Integrated Products


MAX686 Product details

General Description
The MAX686 DAC-controlled boost/inverter IC converts a positive input voltage to a positive or negative LCD bias voltage up to +27.5V or -27.5V. The device features an internal N-channel MOSFET switch, programmable current limiting, and an internal 6-bit digital-to-analog converter (DAC) for digital adjustment of the output voltage. It comes in a small 16-pin QSOP package (same size as an 8-pin SO).

Features
♦ Internal 500mA, 28V N-Channel Switch (no external FET required)
♦ Adjustable Output Voltage to +27.5V or -27.5V
♦ 6-Bit DAC-Controlled Output Voltage
♦ Up to 90% Efficiency
♦ Small 16-Pin QSOP Package (Same size as 8-pin SO)
♦ Power-OK Indicator
♦ 65µA Quiescent Current
♦ 1.5µA Shutdown Current
♦ Up to 300kHz Switching Frequency

Applications
   Positive or Negative LCD Bias
   Personal Digital Assistants
   Notebook Computers
   Portable Data-Collection Terminals
   Palmtop Computers
   Varactor Tuning Diode Bias




Similar Part No. - MAX686

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX686 MAXIM-MAX686 Datasheet
98Kb / 8P
fully assembled and tested surface-mount circuit board Evaluation Kit
1998
MAX6860 MAXIM-MAX6860 Datasheet
791Kb / 17P
Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6861UK17 MAXIM-MAX6861UK17 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6861UK17 MAXIM-MAX6861UK17 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6861UK225 MAXIM-MAX6861UK225 Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results


Similar Description - MAX686

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
MAX1606 MAXIM-MAX1606 Datasheet
302Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
19-1744; Rev 0; 7/00
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Maxim Integrated Produc...
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
30V Internal Switch LCD Bias Supply
2018
MAX1606 MAXIM-MAX1606_V01 Datasheet
664Kb / 10P
28V Internal Switch LCD Bias Supply with True Shutdown
2004
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com