Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet (PDF) - Zetex Semiconductors

ZXLB1600 Datasheet PDF - Zetex Semiconductors
Part # ZXLB1600
Download  ZXLB1600 Download
File Size   232.13 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description LCD BIAS BOOST CONVERTER

ZXLB1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLB1600 Datasheet PDF - Zetex Semiconductors

Part # ZXLB1600
Download  ZXLB1600 Click to download

File Size   232.13 Kbytes
Page   7 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description LCD BIAS BOOST CONVERTER

ZXLB1600 Datasheet (HTML) - Zetex Semiconductors


ZXLB1600 Product details

DESCRIPTION
The ZXLB1600 DC/DC boost converter accepts an input voltage of between 1.6V and 5.5V and provides an adjustable output voltage of up to 28V for LCD backplane bias. The device contains the output switch and a second switch to isolate the coil from the input and provide true isolation in shutdown mode. The output can be adjusted by means of an externally applied dc voltage, or PWM control signal and can supply typically 10mA of output current at maximum output voltage. Higher current is available at lower output voltages.

FEATURES
• Wide input voltage range: 1.6 to 5.5V
• Adjustable output voltage up to 28V using PWM or analog control voltage
• True shutdown (output isolated from input)
• Internal output switch and current sense
• Low quiescent current: (75µA max)
• 5µA (max) shutdown current (including low battery comparator)
• Up to 500kHz switching frequency (PFM)
• 85% efficiency
• Low battery flag
• Small MSOP10 package
• Low external component count

APPLICATIONS
• PDAs
• Mobile Phones
• Digital Cameras
• Portable Internet Appliances
• Notebook and Palmtop computers




Similar Part No. - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600 DIODES-ZXLB1600 Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Zetex Semiconductors
ZXLB1600X10TA ZETEX-ZXLB1600X10TA Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600X10TA DIODES-ZXLB1600X10TA Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Zetex Semiconductors
ZXLB1600X10TC ZETEX-ZXLB1600X10TC Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results


Similar Description - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
ZXLB1600 DIODES-ZXLB1600 Datasheet
232Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
SEPTEMBER 2003
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745_06 Datasheet
401Kb / 16P
Triple Output Boost ??LED Driver / LCD Bias
logo
Diodes Incorporated
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
Rev 1
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com