Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet (PDF) - Diodes Incorporated

ZXLB1600 Datasheet PDF - Diodes Incorporated
Part # ZXLB1600
Download  ZXLB1600 Download
File Size   232.01 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS

ZXLB1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXLB1600 Datasheet PDF - Diodes Incorporated

Part # ZXLB1600
Download  ZXLB1600 Click to download

File Size   232.01 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS

ZXLB1600 Datasheet (HTML) - Diodes Incorporated


ZXLB1600 Product details

DESCRIPTION
The ZXLB1600 inductive switching boost converter accepts an input voltage of between 1.6V and 5.5V and provides an adjustable output voltage of up to 28V for LCD and OLED bias. The device contains an output switch and a second switch to isolate the coil from the input to provide true isolation in shutdown mode. The output can be adjusted by means of an externally applied dc voltage, a PWM control signal, or external feedback resistors and can supply typically 10mA of output current at maximum output voltage. Higher current is available at lower output voltages.

FEATURES
• Wide input voltage range: 1.6 to 5.5V
• Adjustable output voltage up to 28V, using PWM or analog control voltage
• Internal PWM filter
• True shutdown (output isolated from input)
• Internal output switch and current sense
• Low quiescent current: (75μA max)
• 5μA (max) shutdown current (including low battery comparator)
• Up to 500kHz switching frequency
• High efficiency
• Small MSOP10 package
• Low external component count

APPLICATIONS
• PDAs
• Mobile phones - OLED sub displays
• Digital cameras
• Portable internet appliances
• Palmtop computers
• GPS terminals




Similar Part No. - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
ZXLB1600 ZETEX-ZXLB1600 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600X10 ZETEX-ZXLB1600X10 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
ZXLB1600X10TA ZETEX-ZXLB1600X10TA Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600X10TC ZETEX-ZXLB1600X10TC Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results


Similar Description - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
National Semiconductor ...
LM8305 NSC-LM8305 Datasheet
72Kb / 1P
STN LCD Display Bias Voltage source
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
Boost converter for the bias voltage of small size OLED and LCD displays
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
Rev 1
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com