Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLB1600 Datasheet HTML 1Page - Diodes Incorporated ZXLB1600 Datasheet HTML 2Page - Diodes Incorporated ZXLB1600 Datasheet HTML 3Page - Diodes Incorporated ZXLB1600 Datasheet HTML 4Page - Diodes Incorporated ZXLB1600 Datasheet HTML 5Page - Diodes Incorporated ZXLB1600 Datasheet HTML 6Page - Diodes Incorporated ZXLB1600 Datasheet HTML 7Page - Diodes Incorporated ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
(Voltages to GND unless otherwise stated)
Output voltage
30V
Input voltage
7V
Switch output current
500mA
Power dissipation
800mW
Operating temperature
0 to 70 C
Storage temperature
-55 to 125 C
Junction temperature
150 C
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
SEMICO NDUC TORS
2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
VIN
Input voltage
(1)
1.6
5.5
V
IIN
Supply current Shutdown
(2)
VEN = 0V
3.5
5
A
Quiescent
VEN =VIN,IOUT = 0V, Not
switching
30
75
A
Isolating switch
RISO
‘On’ resistance
VEN =VIN
0.7
2
IISO
Leakage current
VEN =0V
1
A
VSW(max)
Maximum voltage on SW pin
during normal operation
V
IN+0.5
V
LX Switch
ILX
Switch peak current limit
(3)
0.15
0.35
A
RLX
‘On’ resistance
0.5
2
ILX(leak)
Switch leakage current
1
A
VLX
Operating voltage on LX pin
-0.5
30
V
Controller output
VOUT
Output voltage range
V
IN
28
V
IOUT
Output current
Lx = 22 H, VOUT = 28V
5
10
mA
VLNR
Line regulation
IOUT = 1mA, 2V < VIN <5.5V
0.1
%/V
VLDR
Load regulation
VOUT = 28V, 100 A<IOUT
< 5mA
0.15
%/mA
fLX
Operating frequency
500
kHz
TON
Output ‘ON’ time
LX output low
10
s
TOFF
Output ‘OFF’ time
LX output off
0.9
µs
Efficiency
(4)
Lx=22 H, VOUT = 20V
80
%
ELECTRICAL CHARACTERISTICS
Test conditions unless otherwise stated: VIN = 3.0V, TAMB = 25°C
Note:
1)
Minimum supply voltage should be maintained above 2V for operation at minimum temperature.
2)
Shutdown current includes the operating current for the low battery comparator, which remains active in shutdown mode.
3)
This is the dc value. The dynamic value may exceed 350mA during normal operation, due to switching delays, coil inductance and supply
voltage.
4)
Efficiency is dependent upon the choice of external components, input/output voltages and load current.(see typical operating curves).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com