Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLB1600 Datasheet HTML 1Page - Diodes Incorporated ZXLB1600 Datasheet HTML 2Page - Diodes Incorporated ZXLB1600 Datasheet HTML 3Page - Diodes Incorporated ZXLB1600 Datasheet HTML 4Page - Diodes Incorporated ZXLB1600 Datasheet HTML 5Page - Diodes Incorporated ZXLB1600 Datasheet HTML 6Page - Diodes Incorporated ZXLB1600 Datasheet HTML 7Page - Diodes Incorporated ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
3
SEMICO NDUC TORS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output voltage control by dc voltage applied to ‘ADJ’ pin
VADJ (nom) Internal reference voltage
‘ADJ’ pin floating, ‘EN’= VIN
1.23
V
Temperature coefficient of VADJ
40
ppm/ C
VADJ
External overdrive voltage range
on ‘ADJ’ pin for output voltage
control
0.5
V
ADJ
(NOM)
V
IADJ
Input current into VADJ pin
0.5<VADJ <VADJ (NOM)
-10
A
VSENSE
Default Output voltage
‘ADJ’ pin floating, ‘EN’= VIN
27
29
V
Output voltage control by PWM signal applied to ‘EN’ input
∆T/T
PWM duty cycle range at ‘EN’
input
10kHz
(5) < f < 100kHz, V
ENH =VIN
40
100
%
fLPF
Internal low pass filter cut-off
frequency
4
kHz
ALPF
Filter attenuation
f=30kHz
52.5
dB
Internal voltage setting resistors for output voltage
R1
Ref. Block diagram
317
k
R2
6.93
M
Enable input
VENL
Low level Input voltage
Device in shutdown
0.4
V
VENH
High level Input voltage
Device active
1.4
Vin
V
IENL
Low level input current
VEN =0V
-100
nA
IENH
High level input current
VEN =VIN
100
nA
TEN(hold)
Enable active hold time
(6)
VEN switched from high to low
120
s
Low-battery detection circuit
VLBT
Detection threshold
VIN falling
1.94
2.02
V
Temperature coefficient of VBLT
20
ppm/ C
VBLHYS
Hysteresis
VIN rising
20
mV
Ref (LBD)
Internal reference voltage
1.21
V
VLBT (max)
Maximum voltage on LBT pin
V
in-0.5 V
IBLOL
Low level output current
Output ‘on’
1
mA
VBLOL
Low level output voltage
IBLOL = 0.5mA
0.4
V
IBLOH
High level output current
Output ‘off’ , VBLOH = 29V
2
A
VBLOH
High level output voltage
Output ‘off’
29
V
Internal voltage setting resistors for low-battery detection circuit
R3
Ref. block diagram
1.56
M
R4
2.44
M
ELECTRICAL CHARACTERISTICS (Cont.)
Test conditions unless otherwise stated: VIN = 3.0V, TAMB = 25°C
Note:
5)
This is the minimum PWM frequency to maintain a continuous output. Lower frequencies can be used, but will result in gated operation of
the device i.e. device enters shutdown when EN is low (see Note 6).
6)
This is the time for which the device remains active after the EN pin has been driven low. This delay allows a continuous output to be
maintained during PWM mode operation at frequencies higher than 10kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com