Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated ZXLB1600 Datasheet HTML 10Page - Diodes Incorporated ZXLB1600 Datasheet HTML 11Page - Diodes Incorporated ZXLB1600 Datasheet HTML 12Page - Diodes Incorporated ZXLB1600 Datasheet HTML 13Page - Diodes Incorporated ZXLB1600 Datasheet HTML 14Page - Diodes Incorporated ZXLB1600 Datasheet HTML 15Page - Diodes Incorporated ZXLB1600 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Inductor selection
The choice of inductor will depend on available board
space as well as required performance. Small value
inductors have the advantage of smaller physical size
and may offer lower series resistance and higher
saturation current compared to larger values. A
disadvantage of smaller inductors is that they result in
higher frequency switching, which in turn causes
reduced efficiency due to switch losses. Higher
inductor values can provide better performance at
lower supply voltages. However, if the inductance is
too high, the output power will be limited by the
internal oscillator, which will prevent the coil current
from reaching its peak value. This condition will arise
whenever the ramp time ILX(peak) x L/VIN exceeds the
preset 10
µs maximum ‘on’ time limit for the LX output.
The ZXLB1600 has been optimized for use with
inductor values in the range 10 Hto100 H. The typical
characteristics show how efficiency and available
output current vary with input voltage and inductance.
The inductor should be mounted as close to the device
as possible with low resistance connections to the LX
and SW pins.
Suitable coils for use with the ZXLB1600 are those in
the LP02506 and DO1608 series, made by Coilcraft.
Diode selection
The rectifier diode (D1) should be a fast low
capacitance switching type with low reverse leakage at
the working voltage. It should also have a peak current
rating above the peak coil current and a continuous
current rating higher than the maximum output load
current. Small schottky diodes such as the BAT54 are
suitable for use with the ZXLB1600 and this diode will
give good all round performance over the output
voltage and current range. At lower output voltages, a
larger schottky diode such as the ZHCS500 or MBR0540
will provide a smaller forward drop and higher
efficiency. At higher output voltages, where forward
drop is less important, a silicon switching diode such
as the 1N4148 can be used, however this will give lower
efficiency.
The BAT54S device specified in the application circuit
contains a second diode (D2) as one half of a series
connected pair. This second diode is used here to
clamp possible negative excursions (due to coil
ringing) from driving the drain of the output transistor
below -0.5V. This prevents internal coupling effects,
which might otherwise affect output regulation. The
table below gives some typical characteristics for
various diodes.
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
13
SEMICO NDUC TORS
Diode
Forward voltage at 100mA (V)
Peak current
(mA)
Continuous current
(mA)
Reverse leakage (µA)
BAT54
530
300
200
2
ZHCS500
300
1000
500
15
MBR0540
390
1000
500
1
1N4148
950
450
200
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com