Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLB1600 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXLB1600
Description  LCD BIAS BOOST CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLB1600 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXLB1600 Datasheet HTML 1Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 2Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 3Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 4Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 5Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 6Page - Zetex Semiconductors ZXLB1600 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ZXLB1600
ABSOLUTE MAXIMUM RATINGS
(Voltages to GND unless otherwise stated)
Output Voltage
30V
Input Voltage
7V
Switch output current
500mA
Power Dissipation
800mW
Operating Temperature
0 to 70
°C
Storage Temperature
-55 to 125
°C
Junction Temperature
150
°C
ELECTRICAL CHARACTERISTICS:
Test conditions unless otherwise stated: VIN=3.0V, TAMB=25°
°°°C
Symbol Parameter
Conditions
Min Typ Max Units
General
VIN
Input voltage
1.6
3
5.5
V
IIN
Supply current
Shutdown
Quiescent
VEN = 0V, VIN =5.5V (Note 1)
VEN = VIN, IOUT = 0V
35
75
µA
µA
Isolating switch
RISO
‘On’ resistance
VEN = VIN
0.8
2
Ω
IISO
Leakage current
VEN = 0V
1
µA
LX Switch
ILX
Switch peak current limit
0.2
0.3
0.5
A
RLX
‘On’ resistance
1.0
2
Ω
ILX(leak)
Switch leakage current
1
µA
Controller output
VOUT
Output voltage range
VIN
29
V
IOUT
Maximum output current
Lx = 22µH, VOUT = 28V
5
10
mA
∆VLNR
Line regulation
IOUT = 1mA, 2V < VIN <5.5V
0.1
%/V
∆VLDR
Load regulation
VOUT = 28V, 100uA < IOUT < 5mA
0.01
%/mA
fLX
Operating frequency
200
500
kHz
TON
Output ‘ON’ time
LX output low
10
µs
TOFF
Output ‘OFF’ time
LX output off
1
µs
ξ
Efficiency
VOUT = 28V, IOUT = 1mA, L=22µH
85
%
Note:1 Shutdown current includes 3µA (max) for the battery low comparator, which remains active in shutdown
mode
DRAFT ISSUE J January 2002
ZXLB1600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com