Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX686 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX686
Description  DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX686 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX686 Datasheet HTML 1Page - Maxim Integrated Products MAX686 Datasheet HTML 2Page - Maxim Integrated Products MAX686 Datasheet HTML 3Page - Maxim Integrated Products MAX686 Datasheet HTML 4Page - Maxim Integrated Products MAX686 Datasheet HTML 5Page - Maxim Integrated Products MAX686 Datasheet HTML 6Page - Maxim Integrated Products MAX686 Datasheet HTML 7Page - Maxim Integrated Products MAX686 Datasheet HTML 8Page - Maxim Integrated Products MAX686 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DAC-Controlled Boost/Inverter
LCD Bias Supply with Internal Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage
VCC, ISET, POK, POL, SHDN,
UP, DN, VDD to GND ...........................................-0.3V to +6V
FB, REF, DACOUT to GND.......................-0.3V to (VCC + 0.3V)
PGND to GND .....................................................-0.3V to +0.3V
LX, LCDON to GND..............................................-0.3V to +30V
Current
LX (sinking) .....................................................................600mA
LCDON (sinking)...............................................................10mA
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C) ......................667mW
Operating Temperature Ranges
MAX686C/D ..........................................................0°C to +70°C
MAX686EEE.......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
SHDN = GND
POL = GND, VFB = 1.3V, IDACOUT = 0mA
Boost configuration, VOUT = 27.5V,
ILOAD = 0mA to 5mA
Boost configuration, VOUT = 27.5V,
ILOAD = 5mA, VCC = VDD = 2.7V to 5.5V
Rising or falling
CONDITIONS
µA
1.3
4
ISHDN
Shutdown Current
µA
65
125
ICC + IDD
V
2.7
5.5
VCC, VDD
Supply Voltage (Note 1)
Supply Current
V
28
VLX
LX Voltage Range
%/mA
0.01
Load Regulation
%/V
0.1
Line Regulation
V
2.10
2.5
2.65
VLOCK
VCC Undervoltage Lockout
mV
100
VCC Undervoltage Lockout
Hysteresis
V
0.5
1.5
2.1
VRESET
VCC DAC Reset Threshold
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ISET = VCC
A
0.42
0.50
0.58
ILX
LX Switch Current Limit
ISET = GND
0.21
0.25
0.29
VLX = 28V
µA
1.5
ILXLEAK
LX Leakage Current
VCC = VDD = 5V, ILX = 100mA
Ω
0.6
1.2
RLX
LX On-Resistance
VCC = VDD = 3.3V, ILX = 100mA
0.8
1.6
µs
8
10
12
tON
Maximum LX On-Time
POL = GND, VFB > 1.2V
µs
0.8
1
1.2
tOFF
Minimum LX Off-Time
POL = VCC, VFB < 0.15V
2.8
3.5
4.2
POL = GND, VFB < 0.8V
4
5
6
POL = VCC, VFB > 0.4V
4
5
6
Voltage applied to L1
V
0.8
VOUT
VIN
Input Voltage
LX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com