Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet (PDF) - Renesas Technology Corp

ZLED7015 Datasheet PDF - Renesas Technology Corp
Part # ZLED7015
Download  ZLED7015 Download
File Size   696.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.0MHz Boost Converter with Internal 35V Switch

ZLED7015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLED7015 Datasheet PDF - Renesas Technology Corp

Part # ZLED7015
Download  ZLED7015 Click to download

File Size   696.41 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1.0MHz Boost Converter with Internal 35V Switch

ZLED7015 Datasheet (HTML) - Renesas Technology Corp


ZLED7015 Product details

Features
•Integrated 35V power switch
•Wide input range: 6VDC to 30VDC
•Over-temperature protection
•Over-voltage (open LED string) protection adjustedvia external resistor divider
•Under-voltage lockout ensures reliable circuitoperation
•Control of output current during start-up via internal“soft-start”
•Switching frequency: 1.0MHz
•Single pin on/off or brightness control via PWM,microcontroller, or DC voltage control signal input
•MSOP-10 package
Benefits
•High efficiency: up to 95% efficiency
•Few small, low-profile components needed foroperation
•Small form-factor package
Available Support
•Evaluation Kit
Physical Characteristics
•Operating temperature: -40°C to 85°C
•RoHS-compliant




Similar Part No. - ZLED7015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
1.0MHz Boost Converter
logo
List of Unclassifed Man...
ZLED7015-ZI1R ETC2-ZLED7015-ZI1R Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
ZLED7015KIT-E1 ETC2-ZLED7015KIT-E1 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Device Techn...
ZLED7015KIT-E1 IDT-ZLED7015KIT-E1 Datasheet
522Kb / 22P
1.0MHz Boost Converter
More results


Similar Description - ZLED7015

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
1.6MHz Boost Converter with 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
1.0MHz Boost Converter
logo
Integrated Silicon Solu...
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com