Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1935 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1935 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1935
Download  TS1935 Download
File Size   391.46 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.6MHz Boost Converter with 30V Internal FET Switch

TS1935 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1935 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1935
Download  TS1935 Click to download

File Size   391.46 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.6MHz Boost Converter with 30V Internal FET Switch

TS1935 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1935 Product details

General Description
The TS1935 switching regulator is current –mode boost converters operating at fixed frequency of 1.6MHz.
The use of SOT-25 made possible by the minimal power loss of the internal 1.6A switch, and use of small inductor and capacitors result in the industry’s highest power density. The 30V internal switch makes these solutions perfect for boosting to voltages up to 30V.
These parts have a logic-level shutdown pin that can be used to reduce quiescent current and extend battery life. Protection is provided through cycle-by-cycle current limiting and thermal shutdown. Internal compensation simplifies and reduces component count.

Features
● 30V DMOS FET Switch
● 2.7V to 5.5V Input Range
● 1.6MHz Switching Frequency
● Low RDSON DMOS FET
● Switch Current up to 1.6A
● Low Shutdown Current <1uA
● Use Tiny Capacitors and Inductor
● Cycle-by-Cycle Current Limiting

Application
● White LED Current Source
● Digital Still Cameras
● Portable Electronics
● PDA’s and Palm-Top Computers
● Local Boost Regulator




Similar Part No. - TS1935

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
1.9A / 1.2MHz Boost DC to Dc Converter
TS1935B TSC-TS1935B Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
84Kb / 6P
1.9A / 1.2MHz Boost DC to Dc Converter
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
TS1935B TSC-TS1935B_13 Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
More results


Similar Description - TS1935

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
1.6MHz Boost Converter with 20V Integrated FET Switch
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
1.6 MHz Boost Converter With 30V Internal FET Switch
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
1.4MHz Boost Converter With 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com