Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1935BCX5RFG Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1935BCX5RFG Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1935BCX5RFG
Download  TS1935BCX5RFG Download
File Size   84.01 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.9A / 1.2MHz Boost DC to Dc Converter

TS1935BCX5RFG Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1935BCX5RFG Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1935BCX5RFG
Download  TS1935BCX5RFG Click to download

File Size   84.01 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.9A / 1.2MHz Boost DC to Dc Converter

TS1935BCX5RFG Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1935BCX5RFG Product details

General Description
The TS1935B is a current mode step up converter intended for small, low power applications. The converter input voltage ranging from 2.6V to 5.5V. The Output voltage can be set up to 27V. The frequency is 1.2MHz allows the use of small external inductors and capacitors and provides fast transient response. Internal soft start results in small inrush current and extends battery life. Internal power MOSFET with very low RDS (ON) provides high efficiency. The TS1935B automatically transits from PWM to PFM during light load condition further increasing efficiency. The converter also provides protection functions such as under-voltage lockout, current limit and thermal shutdown.

Features
● 2.6V to 5.5 V operating input voltage range
● Adjustable output voltage range up to 27V
● 1.2MHz Fixed Switching Frequency
● Internal soft-start function
● Current limit and Thermal shutdown protection
● Under voltage Lockout
● ≤ 1µA Shutdown Current

Application
● White LED Current Source
● Digital Still Cameras
● Portable Electronics
● PDA’s and Palm-Top Computers
● Local Boost Regulator




Similar Part No. - TS1935BCX5RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
More results


Similar Description - TS1935BCX5RFG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
MicroPower VFM Boost DC to Dc Converter
TS1935B TSC-TS1935B_13 Datasheet
375Kb / 8P
1.9A / 1.2MHz Boost DC to Dc Converter
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com