Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7015 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZLED7015 Datasheet HTML 1Page - Renesas Technology Corp ZLED7015 Datasheet HTML 2Page - Renesas Technology Corp ZLED7015 Datasheet HTML 3Page - Renesas Technology Corp ZLED7015 Datasheet HTML 4Page - Renesas Technology Corp ZLED7015 Datasheet HTML 5Page - Renesas Technology Corp ZLED7015 Datasheet HTML 6Page - Renesas Technology Corp ZLED7015 Datasheet HTML 7Page - Renesas Technology Corp ZLED7015 Datasheet HTML 8Page - Renesas Technology Corp ZLED7015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1.0MHz Boost Converter
with Internal 35V Switch
ZLED7015
Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
Typical Applications
 Low-Voltage Retro-fit Lighting
 Architectural/Building Lighting
 MR16 Lights
 Replacement Tubes
 SELV Lighting
 LED Backlighting
 Signage and Outdoor Lighting
 General Purpose Low-Voltage Industrial and Consumer Applications
Bandgap
Shutdown
n LED
L1
3, 5
4
RS
CVP
VIN
CVDD
REN
6 to 30 VDC
6
7
RVDD
EN
FB
VDD
OVP
AGND
ZLED7015
Bias & Reference
9
LDO
VP
CIN
2
C1
D1
Oscillator
COUT
C2
LX
COVP
RS
S
R
Q
+
–
∑
Current
Limit
Over-Voltage
Protection
Ramp Gen
Slope Compensation
Current Sense
VREF
Thermal
Protection
R2
R1
1
PGND
10
ZLED7015 Block Diagram
Ordering Information
Product Sales Code
Description
Package
ZLED7015ZI1R
ZLED7015 – 1.0MHz Boost Converter with Internal 35V Switch
MSOP-10 (Tape & Reel)
ZLED7015KIT-E1
ZLED7015-E1 Evaluation Board, 1 ZLED-PCB10, and 5 ZLED7015 ICs
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com