Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7015 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZLED7015 Datasheet HTML 8Page - Renesas Technology Corp ZLED7015 Datasheet HTML 9Page - Renesas Technology Corp ZLED7015 Datasheet HTML 10Page - Renesas Technology Corp ZLED7015 Datasheet HTML 11Page - Renesas Technology Corp ZLED7015 Datasheet HTML 12Page - Renesas Technology Corp ZLED7015 Datasheet HTML 13Page - Renesas Technology Corp ZLED7015 Datasheet HTML 14Page - Renesas Technology Corp ZLED7015 Datasheet HTML 15Page - Renesas Technology Corp ZLED7015 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
S
S
FB
OUT
R
V
R
V
I
3
.
0
=
=
2
Circuit Description
The ZLED7015 is a constant-current boost converter that can also function as a constant voltage driver for LED
applications. The boost converter topology features an internal 35V power switch and feedback circuit to control
the output to the LED string. Optimal performance is achieved by operating in continuous conduction mode within
the application’s load current range; i.e., the current through inductor L1 is always above 0A. The output current is
set by an external resistor and the device supports DC linear or PWM dimming. Additional device features include
selectable open-load/over-voltage protection, over-temperature protection, under-voltage lockout, and an
automatic soft-start function to minimize the inrush current during startup.
2.1
EN Pin, VP Pin, and Soft-Start Function
The EN pin can be used to enable or disable the ZLED7015. When the voltage on the EN pin rises above the ON
threshold voltage VENon specified in Table 1.3, the ZLED7015 begins its “soft-start.” When the voltage at EN falls
below the OFF threshold voltage VENoff, the ZLED7015 shuts down. There is a hysteresis between VENon and VENoff
to prevent intermittent operation.
The ZLED7015’s internal “soft-start” function ensures a smooth device start-up by preventing excessive in-rush
current and providing a controlled rise in the output current. When the soft-start function is initiated, the internal
circuitry clamps the internal switch current threshold to zero during a 1millisecond delay. The soft-start function
then gradually increases the internal switch current threshold over a 4-5 msec period. See Figure 1.11 for an
illustration of typical waveforms during start-up.
Important: The EN pin requires termination. If the EN pin is not used to control operation, connect it to the
positive power supply through a 100k
Ω resistor. Do not allow the EN pin to float.
The VP pin is connected to the ZLED7015’s internal power regulator and requires an external bypass capacitor,
CVP, to ensure correct device operation.
2.2
Output Current Control
The LED current is determined by the voltage across the external sense resistor RS, which is fed back to the input
FB. Internally, this is compared with the internal feedback reference voltage, VFB (see typical application shown on
page 2), and the duty cycle of the internal power switch is adjusted to reduce or increase the output current IOUT.
Selection of RS is discussed in section 2.2.1, and other external components are discussed in section 3. Dimming
can be controlled by superimposing a DC or filtered pulse-width modulated (PWM) signal on the feedback voltage
from RS. Refer to sections 2.2.2 and 2.2.3, respectively, for more details.
2.2.1
Output Current and RS
The ZLED7015 continually adjusts the output current, IOUT, in order to maintain the voltage level at the FB pin
equal to the internal feedback reference voltage, VFB. Equation (1) shows the basic relationship between IOUT, VFB,
and RS for the basic application shown in Figure 2.1.
(1)
Where
IOUT = Average output current through the LED(s) in amperes
VFB = Internal feedback reference voltage (see Table 1.3, parameter 1.3.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com