Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7015 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZLED7015 Datasheet HTML 9Page - Renesas Technology Corp ZLED7015 Datasheet HTML 10Page - Renesas Technology Corp ZLED7015 Datasheet HTML 11Page - Renesas Technology Corp ZLED7015 Datasheet HTML 12Page - Renesas Technology Corp ZLED7015 Datasheet HTML 13Page - Renesas Technology Corp ZLED7015 Datasheet HTML 14Page - Renesas Technology Corp ZLED7015 Datasheet HTML 15Page - Renesas Technology Corp ZLED7015 Datasheet HTML 16Page - Renesas Technology Corp ZLED7015 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
13
April 20, 2016
EN
LX
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
AGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
R4
R3
DC Control Signal VDC = 0 to 5V
VOUT
EN
LX
ZLED7015
LED
String
VIN = 6 to 30 VDC
COUT
R1
L1
CIN
D1
FB
PGND
AGND
OVP
R2
RS
VP
VDD
C1
CVDD
CVP
C2
RVDD
REN
COVP
VOUT
Figure 2.1
Typical Application Circuit
2.2.2
Dimming via External DC Voltage Control
The LED output current can be set below the nominal average value defined on section 2.2.1 by using an external
DC voltage control signal superimposed on the FB pin as shown in the example circuit in Figure 2.2. As the DC
control signal, VDC, increases, the current through R3 increases with a subsequent increase in the voltage at the
FB pin. This causes the ZLED7015 to compensate by reducing the output current through the LED string.
Consequently, the output current is inversely proportional to the DC control voltage.
Note: It is important to ensure that the LED output voltage VOUT remains higher than the input voltage VIN in
dimming applications.
Figure 2.2
Example Circuit for Controlling Output Current via an External DC Control Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com