Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7015 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ZLED7015 Datasheet HTML 1Page - Renesas Technology Corp ZLED7015 Datasheet HTML 2Page - Renesas Technology Corp ZLED7015 Datasheet HTML 3Page - Renesas Technology Corp ZLED7015 Datasheet HTML 4Page - Renesas Technology Corp ZLED7015 Datasheet HTML 5Page - Renesas Technology Corp ZLED7015 Datasheet HTML 6Page - Renesas Technology Corp ZLED7015 Datasheet HTML 7Page - Renesas Technology Corp ZLED7015 Datasheet HTML 8Page - Renesas Technology Corp ZLED7015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
5
April 20, 2016
1
IC Characteristics
Note: Exceeding the maximum ratings given in this section could cause operation failure and/or cause permanent
damage to the ZLED7015. Exposure to these conditions for extended periods may affect device reliability.
1.1
Absolute Maximum Ratings
Table 1.1
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Supply voltage on VDD pin
(also see specification
1.2.2)
VDD
-0.3
40.0
V
1.1.2
LX pin output voltage
VLX
-0.3
40.0
V
1.1.3
All other pins
-0.3
6.0
V
1.1.4
ESD Performance
Human Body Model
High voltage pins:
1, 4, 5, 9, and 10
±2.5
kV
Low voltage pins:
2, 3, 6, 7, and 8
±4
kV
1.1.5
Junction temperature
Tj MAX
-40
150
°C
1.1.6
Storage temperature
TST
-65
150
°C
1.1.7
Lead soldering temperature
10 seconds maximum
260
°C
1.1.8
Junction-to-ambient
thermal resistance
RθJA
60
°C/W
1.2
Operating Conditions
Table 1.2
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
TOP
-40
+85
°C
1.2.2
Supply voltage on VDD pin
(also see absolute maxi-
mum specification 1.1.1)
VDD
6
30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com