Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7015 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZLED7015
Description  1.0MHz Boost Converter with Internal 35V Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZLED7015 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZLED7015 Datasheet HTML 1Page - Renesas Technology Corp ZLED7015 Datasheet HTML 2Page - Renesas Technology Corp ZLED7015 Datasheet HTML 3Page - Renesas Technology Corp ZLED7015 Datasheet HTML 4Page - Renesas Technology Corp ZLED7015 Datasheet HTML 5Page - Renesas Technology Corp ZLED7015 Datasheet HTML 6Page - Renesas Technology Corp ZLED7015 Datasheet HTML 7Page - Renesas Technology Corp ZLED7015 Datasheet HTML 8Page - Renesas Technology Corp ZLED7015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ZLED7015 Datasheet
© 2016 Integrated Device Technology, Inc.
3
April 20, 2016
Contents
1
IC Characteristics .......................................................................................................................................................... 5
1.1
Absolute Maximum Ratings ................................................................................................................................... 5
1.2
Operating Conditions ............................................................................................................................................. 5
1.3
Electrical Parameters............................................................................................................................................. 6
1.4
Typical Operating Characteristics .......................................................................................................................... 7
1.5
Characteristic Waveforms.................................................................................................................................... 10
2
Circuit Description ....................................................................................................................................................... 12
2.1
EN Pin, VP Pin, and Soft-Start Function .............................................................................................................. 12
2.2
Output Current Control......................................................................................................................................... 12
2.2.1
Output Current and RS.................................................................................................................................. 12
2.2.2
Dimming via External DC Voltage Control .................................................................................................... 13
2.2.3
Dimming via PWM Control............................................................................................................................ 14
2.2.4
Microcontroller LED Control.......................................................................................................................... 15
2.2.5
Constant Voltage Application........................................................................................................................ 15
3
Application Circuit Design ........................................................................................................................................... 17
3.1
External Component – RS .................................................................................................................................... 17
3.2
External Component – Inductor L1 ....................................................................................................................... 17
3.3
External Components – Input Decoupling Capacitors C1 and CIN........................................................................ 17
3.4
External Component –Output Capacitors C2 and COUT ........................................................................................ 17
3.5
External Component – Diode D1 .......................................................................................................................... 17
3.6
Additional External Components.......................................................................................................................... 17
4
Operating Conditions................................................................................................................................................... 18
4.1
Under-Voltage Lockout ........................................................................................................................................ 18
4.2
Over-Voltage Threshold and Open-Circuit Protection.......................................................................................... 18
4.3
Over-Temperature Protection .............................................................................................................................. 18
5
ESD/Latch-Up-Protection ............................................................................................................................................ 19
6
Pin Configuration and Package ................................................................................................................................... 19
7
Layout Requirements .................................................................................................................................................. 21
7.1
General Considerations and Ground Traces ....................................................................................................... 21
7.2
Layout Considerations for C1, CIN, C2 and COUT................................................................................................... 21
7.3
Layout Considerations for the EN Pin .................................................................................................................. 21
7.4
Layout Considerations for the LX Pin, L1 External Coil, and D1 Diode................................................................. 21
7.5
Layout Considerations for the External Current Sense Resistor (RS) .................................................................. 21
7.6
Layout Considerations for CVP and CVDD.............................................................................................................. 21
7.7
Layout Considerations for the Thermal Pad......................................................................................................... 21
8
Glossary of Terms ....................................................................................................................................................... 22
9
Ordering Information ................................................................................................................................................... 22
10
Document Revision History ......................................................................................................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com