Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1091 Datasheet (PDF) - Toshiba Semiconductor

2SA1091 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1091
Download  2SA1091 Download
File Size   224.69 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)

2SA1091 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1091 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1091
Download  2SA1091 Click to download

File Size   224.69 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)

2SA1091 Datasheet (HTML) - Toshiba Semiconductor


2SA1091 Product details

High Voltage Control Applications
Plasma Display, Nixie Tube Driver Applications
Cathode Ray Tube Brightness Control Applications

• High voltage: VCBO = −300 V, VCEO = −300 V
• Low saturation voltage: VCE (sat) = −0.5 V (max)
• Small collector output capacitance: Cob = 6 pF (typ.)
• Complementary to 2SC2551.




Similar Part No. - 2SA1091

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
logo
Foshan Blue Rocket Elec...
2SA1091 FOSHAN-2SA1091 Datasheet
933Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Inchange Semiconductor ...
2SA1091 ISC-2SA1091 Datasheet
296Kb / 3P
isc Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results


Similar Description - 2SA1091

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
10-Apr-1997
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
01-Sep-1997
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
10-Apr-1997
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
27-Nov-1997
logo
KEC(Korea Electronics)
KTA1073T KEC-KTA1073T Datasheet
398Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com