Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTA1073T Datasheet (PDF) - KEC(Korea Electronics)

KTA1073T Datasheet PDF - KEC(Korea Electronics)
Part # KTA1073T
Download  KTA1073T Download
File Size   398.13 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)

KTA1073T Datasheet (PDF)

Go To PDF Page Download Datasheet
KTA1073T Datasheet PDF - KEC(Korea Electronics)

Part # KTA1073T
Download  KTA1073T Click to download

File Size   398.13 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)

KTA1073T Datasheet (HTML) - KEC(Korea Electronics)


KTA1073T Product details

HIGH VOLTAGE CONTROL APPLICATIONS.
PLASMA DISPLAY, NIXIE TUBE DRIVER APPLICATIONS.
CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS.

FEATURES
• High Voltage : VCBO=-300V, VCEO=-300V
• Low Saturation Voltage : VCE(sat)=-0.5V(Max.)
• Small Collector Output Capacitance : Cob=5.5pF(Typ.)
• Complementary to KTC3207T.




Similar Part No. - KTA1073T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1070 KEC-KTA1070 Datasheet
341Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTA1070 KEC-KTA1070 Datasheet
89Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
Guangdong Kexin Industr...
KTA1070-O KEXIN-KTA1070-O Datasheet
1Mb / 3P
PNP Transistors
KTA1070-Y KEXIN-KTA1070-Y Datasheet
1Mb / 3P
PNP Transistors
KTA1070 KEXIN-KTA1070_15 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - KTA1073T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091 Datasheet
224Kb / 3P
TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com