Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL45 Datasheet (PDF) - Motorola, Inc

BUL45 Datasheet PDF - Motorola, Inc
Part # BUL45
Download  BUL45 Download
File Size   392.6 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS

BUL45 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUL45 Datasheet PDF - Motorola, Inc

Part # BUL45
Download  BUL45 Click to download

File Size   392.6 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS

BUL45 Datasheet (HTML) - Motorola, Inc


BUL45 Product details

NPN Silicon Power Transistor

High Voltage SWITCHMODE™ Series



Designed for use in electronic ballast (light ballast) and in Switchmode Power supplies up to 50 Watts. Main features include:



• Improved Efficiency Due to:

   — Low Base Drive Requirements (High and Flat DC Current Gain hFE)

   — Low Power Losses (On–State and Switching Operations)

   — Fast Switching: tfi = 100 ns (typ) and tsi = 3.2 µs (typ)

   — Fast Switching: @ IC = 2.0 A, IB1 = IB2 = 0.4 A

• Full Characterization at 125°C

• Tight Parametric Distributions Consistent Lot–to–Lot

• BUL45F, Case 221D, is UL Recognized at 3500 VRMS: File #E69369



 




Similar Part No. - BUL45

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
BUL45 ONSEMI-BUL45 Datasheet
120Kb / 8P
NPN Silicon Power Transistor
February, 2006 ??Rev. 7
logo
Savantic, Inc.
BUL45 SAVANTIC-BUL45 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BUL45 ISC-BUL45 Datasheet
132Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
BUL45 SAVANTIC-BUL45 Datasheet
93Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BUL45

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BU208A MOTOROLA-BU208A Datasheet
202Kb / 6P
5.0 AMPERES NPN SILICON POWER TRANSISTOR 700 VOLTS
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
MJE18004 MOTOROLA-MJE18004 Datasheet
422Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 1000 VOLTS 35 and 75 WATTS
MJE18204 MOTOROLA-MJE18204 Datasheet
484Kb / 12P
POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com