Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44 Datasheet (PDF) - Motorola, Inc

BUL44 Datasheet PDF - Motorola, Inc
Part # BUL44
Download  BUL44 Download
File Size   317.23 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS

BUL44 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUL44 Datasheet PDF - Motorola, Inc

Part # BUL44
Download  BUL44 Click to download

File Size   317.23 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS

BUL44 Datasheet (HTML) - Motorola, Inc


BUL44 Product details

SWITCHMODE
NPN Bipolar Power Transistor
For Switching Power Supply Applications
   
The BUL44/BUL44F have an applications specific state–of–the–art die designed for use in 220 V line operated Switchmode Power supplies and electronic light ballasts. These high voltage/high speed transistors offer the following:
   
• Improved Efficiency Due to Low Base Drive Requirements:
    — High and Flat DC Current Gain hFE
    — Fast Switching
    — No Coil Required in Base Circuit for Turn–Off (No Current Tail)
• Full Characterization at 125°C
• Tight Parametric Distributions are Consistent Lot–to–Lot
• Two Package Choices: Standard TO–220 or Isolated TO–220
• BUL44F, Case 221D, is UL Recognized to 3500 VRMS: File #E69369
   




Similar Part No. - BUL44

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Inchange Semiconductor ...
BUL44 ISC-BUL44 Datasheet
196Kb / 2P
isc Silicon NPN Power Transistor
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
BUL44F ONSEMI-BUL44F Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
More results


Similar Description - BUL44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL146 MOTOROLA-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
BUL147 MOTOROLA-BUL147 Datasheet
376Kb / 10P
POWER TRANSISTOR 8.0 AMPERES 700 VOLTS 45 and 125 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
MJE18006 MOTOROLA-MJE18006 Datasheet
415Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 1000 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL146 ONSEMI-BUL146 Datasheet
389Kb / 10P
POWER TRANSISTOR 6.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com