Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUL44 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUL44
Download  BUL44 Download
File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BUL44 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUL44 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUL44
Download  BUL44 Click to download

File Size   196.07 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BUL44 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUL44 Product details

DESCRIPTION
• Collector–Emitter Sustaining Voltage
   : VCEO(SUS) = 400V(Min.)
• Collector Saturation Voltage
   : VCE(sat) = 0.6V(Max) @ IC= 1.0A

APPLICATIONS
• Designed for use in 220V line operated switchmode power
   Supplies and electronic light ballasts.




Similar Part No. - BUL44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL44 MOTOROLA-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
logo
ON Semiconductor
BUL44 ONSEMI-BUL44 Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
1995 REV 1
logo
Motorola, Inc
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUL44F MOTOROLA-BUL44F Datasheet
317Kb / 10P
POWER TRANSISTOR 2.0 AMPERES 700 VOLTS 40 and 100 WATTS
More results


Similar Description - BUL44

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com