Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL44 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL44
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL44 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL44 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL44 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc website:www.iscsemi.cn
isc Silicon NPN Power Transistor
BUL44
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; L= 25mH
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 0.4A ;IB= 40mA
IC= 0.4A ;IB= 40mA,TC= 125℃
0.5
0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 1A ;IB= 0.2A
IC= 1A ;IB= 0.2A,TC= 125℃
0.6
0.6
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 0.4A ;IB= 40mA
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 1A ;IB= 0.2A
1.25
V
ICEO
Collector Cutoff Current
VCE= RatedVCEO; IB= 0
0.1
mA
ICES
Collector Cutoff Current
VCE= RatedVCES;VEB=0
VCE= RatedVCES;VEB=0,TC= 125℃
VCE= 500V; VEB=0,TC= 125℃
0.1
0.5
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 0.2 A; VCE= 5V
14
34
hFE-2
DC Current Gain
IC= 0.4A; VCE= 1V
12
hFE-3
DC Current Gain
IC= 1A; VCE= 1V
8
hFE-4
DC Current Gain
IC= 10mA; VCE= 5V
10
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1MHz
60
pF
fT
Current-Gain—Bandwidth Product
IC= 0.5A; VCE= 10V
13
MHz
Switching Times , Resistive Load
ton
Turn-On Time
IC= 0.4A; VCC= 300V;
IB1= 40mA;IB2= 0.2A;
tp= 20μs; Duty Cycle≤10%
0.1
μs
toff
Turn-Off Time
2.5
μs
td
Storage Time
IC= 1A; VCC= 300V;
IB1= 0.2A; IB2= 0.5A;
tp= 20μs; Duty Cycle≤10%
0.15
μs
tr
Fall Time
2.5
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com