Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6210 Datasheet (PDF) - Allegro MicroSystems

A6210 Datasheet PDF - Allegro MicroSystems
Part # A6210
Download  A6210 Download
File Size   448.11 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 3 A, 2 MHz Buck-Regulating LED Driver

A6210 Datasheet (PDF)

Go To PDF Page Download Datasheet
A6210 Datasheet PDF - Allegro MicroSystems

Part # A6210
Download  A6210 Click to download

File Size   448.11 Kbytes
Page   11 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 3 A, 2 MHz Buck-Regulating LED Driver

A6210 Datasheet (HTML) - Allegro MicroSystems


A6210 Product details

Features and Benefits
▪ User-configurable on-time, achieving switching
frequencies up to 2.0 MHz
▪ Brightness control through PWM of DIS pin
▪ Minimal external components required
▪ No output capacitor required
▪ Wide input voltage range: 9 to 46 V
▪ Low 0.18 V sense voltage for higher efficiency
▪ Output Current: up to 3.0 A
▪ Low standby current <100 μA
▪ Thermal shutdown
▪ Supplied in a thermally-enhanced 4 mm QFN package




Similar Part No. - A6210

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210GEUTR-T ALLEGRO-A6210GEUTR-T Datasheet
457Kb / 12P
The A6210 is a buck regulator that uses valley current-mode control.
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
The A6210 is a buck regulator that uses valley current-mode control.
More results


Similar Description - A6210

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
1.2 A Buck LED Driver
logo
ON Semiconductor
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV6323 ONSEMI-NCV6323 Datasheet
293Kb / 16P
3 MHz, 2 A Synchronous Buck Converter
October, 2015 ??Rev. 4
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
logo
Texas Instruments
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com