Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1083 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1083 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1083
Download  AOZ1083 Download
File Size   578.91 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.2 A Buck LED Driver

AOZ1083 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1083 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1083
Download  AOZ1083 Click to download

File Size   578.91 Kbytes
Page   12 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 1.2 A Buck LED Driver

AOZ1083 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ1083 Product details

General Description
The AOZ1083 is a high efficiency, simple to use, 1.2 A buck HB LED driver optimized for general lighting applications. The AOZ1083 operates from a 3 V to 26 V input voltage range and provides up to 1.2 A of continuous LED current. The 280 mV LED current feedback voltage minimizes the power dissipation of the external sense resistor. The fixed switching frequency of 1.5 MHz PWM operation reduces inductor and capacitor sizes.
The AOZ1083 is available in a tiny SOT23-6L package.

Features
 • Up to 26 V operating input voltage range
 • 240 mΩ internal NMOS
 • Up to 95 % efficiency
 • Internal compensation
 • 1.2 A continuous output current
 • Fixed 1.5 MHz PWM operation
 • Internal soft start
 • 280 mV LED current feedback voltage with ±5 % accuracy
 • Cycle-by-cycle current limit
 • Short-circuit protection
 • Thermal shutdown
 • Small size SOT23-6L

Applications
 • Point of load DC/DC conversion
 • Set top boxes
 • DVD drives and HDD
 • LCD Monitors & TVs
 • Cable modems
 • Telecom/Networking/Datacom equipment




Similar Part No. - AOZ1083

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1081AI AOSMD-AOZ1081AI Datasheet
1,010Kb / 16P
EZBuck??1.8A High Efficiency
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results


Similar Description - AOZ1083

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210 Datasheet
448Kb / 11P
3 A, 2 MHz Buck-Regulating LED Driver
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
logo
SYNC POWER Crop.
SP2260 SYNC-POWER-SP2260 Datasheet
267Kb / 7P
60V Buck LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Infineon Technologies A...
IRS25411S INFINEON-IRS25411S Datasheet
1Mb / 19P
Synchronous buck LED driver
Datasheet 2 0.0 2019-02-06
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
Buck-boost LED driver
logo
Texas Instruments
TPS92360 TI-TPS92360 Datasheet
1Mb / 24P
TPS92360 38-V 1.2-A Single Channel LED Backlight Driver
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com