Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5040 Datasheet (PDF) - Analog Devices

ADP5040 Datasheet PDF - Analog Devices
Part # ADP5040
Download  ADP5040 Download
File Size   3578.2 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micro PMU with 1.2 A Buck Regulator

ADP5040 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5040 Datasheet PDF - Analog Devices

Part # ADP5040
Download  ADP5040 Click to download

File Size   3578.2 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micro PMU with 1.2 A Buck Regulator

ADP5040 Datasheet (HTML) - Analog Devices


ADP5040 Product details

GENERAL DESCRIPTION
The ADP5040 combines one high performance buck regulator and two low dropout regulators (LDO) in a small 20-lead LFCSP to meet demanding performance and board space requirements.
The high switching frequency of the buck regulator enables the use of tiny multilayer external components and minimizes board space.

FEATURES
   Input voltage range: 2.3 V to 5.5 V
   One 1.2 A buck regulator
   Two 300 mA LDOs
   20-lead, 4 mm × 4 mm LFCSP package
   Overcurrent and thermal protection
   Soft start
   Undervoltage lockout
   Buck key specifications
      Output voltage range: 0.8 V to 3.8 V
      Current mode topology for excellent transient response
      3 MHz operating frequency
      Peak efficiency up to 96%
      Uses tiny multilayer inductors and capacitors
      Mode pin selects forced PWM or auto PWM/PSM modes
      100% duty cycle low dropout mode
   LDOs key specifications
      Output voltage range: 0.8 V to 5.2 V
      Low VIN from 1.7 V to 5.5 V
      Stable with 2.2 μF ceramic output capacitors
      High PSRR
      Low output noise
      Low dropout voltage
      −40°C to +125°C junction temperature range




Similar Part No. - ADP5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
More results


Similar Description - ADP5040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5042 AD-ADP5042 Datasheet
1Mb / 32P
Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1280CI AOSMD-AOZ1280CI Datasheet
656Kb / 13P
EZBuck??1.2 A Simple Buck Regulator
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8087 BELLING-BL8087 Datasheet
695Kb / 6P
PMU with a Synchronous 1A Buck and a CMOS 500mA LDO
logo
Analog Devices
ADP5003 AD-ADP5003 Datasheet
1,013Kb / 31P
Low Noise Micro PMU, 3 A Buck Regulator with 3 A LDO
3/2019-Rev. 0 to Rev. A
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ1280 AOSMD-AOZ1280 Datasheet
1Mb / 13P
EZBuck™ 1.2 A Simple Buck Regulator
Rev. 1.1 August 2011
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com