Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5042 Datasheet (PDF) - Analog Devices

ADP5042 Datasheet PDF - Analog Devices
Part # ADP5042
Download  ADP5042 Download
File Size   1156.79 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset

ADP5042 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP5042 Datasheet PDF - Analog Devices

Part # ADP5042
Download  ADP5042 Click to download

File Size   1156.79 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset

ADP5042 Datasheet (HTML) - Analog Devices


ADP5042 Product details

GENERAL DESCRIPTION
The ADP5042 combines one high performance buck regulator and two low dropout (LDO) regulators in a small 20-lead LFCSP to meet demanding performance and board space requirements.
The high switching frequency of the buck regulator enables use of tiny multilayer external components and minimizes the board space.

FEATURES
   Input voltage range: 2.3 V to 5.5 V
   One 0.8 A buck regulator
   Two 300 mA LDOs
   20-lead, 4 mm × 4 mm LFCSP package
   Initial regulator accuracy: ±1%
   Overcurrent and thermal protection
   Soft start
   Undervoltage lockout
   Open drain processor reset with threshold monitoring
   ±1.5% threshold accuracy over the full temperate range
   Guaranteed reset output valid to VCC = 1 V
   Dual watchdog for secure systems
      Watchdog 1 controls reset
      Watchdog 2 controls reset and regulators power cycle
   Buck key specifications
      Current mode topology for excellent transient response
      3 MHz operating frequency
      Uses tiny multilayer inductors and capacitors
      Mode pin selects forced PWM or auto PFM/PSM modes
      100% duty cycle low dropout mode
   LDOs key specifications
      Low VIN from 1.7 V to 5.5 V
      Stable with1 μF ceramic output capacitors
      High PSRR, 60 dB PSRR up to 1 kHz/10 kHz
      Low output noise
         110 μV rms typical output noise at VOUT = 2.8 V
      Low dropout voltage: 150 mV at 300 mA load
      −40°C to +125°C junction temperature range




Similar Part No. - ADP5042

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5040 AD-ADP5040 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040 AD-ADP5040 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5040ACPZ-1-R7 AD-ADP5040ACPZ-1-R7 Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5040CP-1-EVALZ AD-ADP5040CP-1-EVALZ Datasheet
3Mb / 40P
Micro PMU with 1.2 A Buck Regulator
REV. 0
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
More results


Similar Description - ADP5042

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
ams AG
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
logo
Analog Devices
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
ADP5043 AD-ADP5043 Datasheet
1Mb / 30P
Micro PMU with 800 mA Buck, 300 mA LDO, Supervisory, Watchdog, and Manual Reset
9/2019-Rev. B to Rev. C
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com