Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1081AI Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ1081AI Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ1081AI
Download  AOZ1081AI Download
File Size   1010.54 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.8A High Efficiency

AOZ1081AI Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ1081AI Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ1081AI
Download  AOZ1081AI Click to download

File Size   1010.54 Kbytes
Page   16 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description EZBuck??1.8A High Efficiency

AOZ1081AI Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
1.2 A Buck LED Driver
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results


Similar Description - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
EZBuck??3A Simple Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
EZBuck??3A Simple Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
EZBuck??3A Simple Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
4A Synchronous EZBuck Regulator
logo
Renesas Technology Corp
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
logo
SHENZHEN FUMAN ELECTRON...
FM07BTS FUMAN-FM07BTS Datasheet
1Mb / 9P
1.8A charger driver IC
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com