Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1081AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1081AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 2 of 16
Figure 2.
Ordering Information
All AOS products are offered in packages with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1081AI
-40°C to +85°C
SO-8
RoHS
LX
VIN
VOUT
FB
PGND
EN
COMP
AGND
C1
22µF
C3
22µF
RFB
R1
C2
4.7µH
VIN
AOZ1081
R2
R3
R4
R5
R6
R7
R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com