Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1081AI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1081AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.1 April 2009
www.aosmd.com
Page 1 of 16
AOZ1081
EZBuck™ 1.8A High Efficiency
Constant Current Regulator for LEDs
General Description
The AOZ1081 is a high efficiency, simple to use, 1.8A
buck regulator for White LED. The AOZ1081 works from
a 4.5V to 16V input voltage range, and provides up to
1.8A of continuous output current with an output voltage
adjustable down to 0.25V.
The AOZ1081 comes in an SO-8 package and is rated
over a -40°C to +85°C ambient temperature range.
Features
● 4.5V to 16V operating input voltage range
● 100 mΩ internal PFET switch for high efficiency:
up to 95%
● Internal Schottky Diode
● Internal soft start
● 0.25V internal reference with ±5% accuracy over
temperature
● 1.8A continuous output current
● Fixed 1MHz PWM operation
● Cycle-by-cycle current limit
● Short-circuit protection
● Under voltage lockout
● Output over voltage protection
● Thermal shutdown
● Small size SO-8 package
Applications
● Buck regulator for white LEDs
● Landscape lighting
● Flashlights
● Battery powered backlight applications
Typical Application
Figure 1.
LX
VIN
VOUT
FB
PGND
EN
COMP
AGND
C1
22µF
C3
22µF
RFB
HB
LED
R1
C2
4.7µH
VIN
AOZ1081


Similar Part No. - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1083 AOSMD-AOZ1083 Datasheet
578Kb / 12P
1.2 A Buck LED Driver
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
AOZ1084DI AOSMD-AOZ1084DI Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results

Similar Description - AOZ1081AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1017 AOSMD-AOZ1017 Datasheet
615Kb / 16P
EZBuck??3A Simple Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
AOZ1013AI AOSMD-AOZ1013AI_09 Datasheet
393Kb / 14P
EZBuck??3A Simple Regulator
AOZ1017DI AOSMD-AOZ1017DI Datasheet
517Kb / 16P
EZBuck??3A Simple Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
4A Synchronous EZBuck Regulator
logo
Renesas Technology Corp
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
logo
SHENZHEN FUMAN ELECTRON...
FM07BTS FUMAN-FM07BTS Datasheet
1Mb / 9P
1.8A charger driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com