Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1081AI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1081AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 3 of 16
Pin Configuration
Pin Description
LX
LX
EN
COMP
1
2
3
4
PGND
VIN
AGND
FB
SO-8
(Top View)
8
7
6
5
Pin
Number
Pin Name
Pin Function
1
PGND
Power ground. Electrically needs to be connected to AGND.
2
VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
3
AGND
Reference connection for controller section. Also used as thermal connection for controller
section. Electrically needs to be connected to PGND.
4
FB
LED Current Feedback Input. The FB voltage is regulated at 250mV in normal operation. The FB
sense resistor sets the nominal LED current
5
COMP
External loop compensation pin.
6
EN
The enable pin is active high. Connect EN pin to VIN if not used. Do not leave the EN pin floating.
7,8
LX
PWM output connection to inductor. Thermal connection for output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com